Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3262 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3262
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3262 Datasheet HTML 5Page - Texas Instruments LM3262 Datasheet HTML 6Page - Texas Instruments LM3262 Datasheet HTML 7Page - Texas Instruments LM3262 Datasheet HTML 8Page - Texas Instruments LM3262 Datasheet HTML 9Page - Texas Instruments LM3262 Datasheet HTML 10Page - Texas Instruments LM3262 Datasheet HTML 11Page - Texas Instruments LM3262 Datasheet HTML 12Page - Texas Instruments LM3262 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
LM3262
www.ti.com
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
Typical Characteristics (continued)
VIN = EN = 3.6 V, L = 0.5 µH, CIN = 10 µF, COUT = 4.7 µF and TA = 25°C, unless otherwise noted.
VIN = 3.6 V
VOUT = 2 V
IOUT = 200 mA
VOUT = 2 V
IOUT = 50 mA
Figure 13. Output Voltage Ripple in PWM Mode
Figure 14. Output Voltage Ripple in ECO Mode
VIN = 4 V
VOUT = 0.4 V to 3.6 V
RLOAD = 10 Ω
VIN = 3.6 V to 4.2 V
VOUT = 0.6 V
IOUT = 750 mA
Figure 15. VCON Transient Response
Figure 16. Line Transient Response
VIN = 3.6 V
VOUT = 0.5 V
IOUT = 500 mA to 60 mA
VIN = 4.2 V
VOUT = 3.1 V
IOUT = 200 mA to 750 mA
Figure 17. Load Transient Response
Figure 18. Load Transient Response
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com