Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720100AGM-8EY Datasheet(PDF) 30 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 30 Page - NEC

Back Button UPD720100AGM-8EY Datasheet HTML 24Page - NEC UPD720100AGM-8EY Datasheet HTML 25Page - NEC UPD720100AGM-8EY Datasheet HTML 26Page - NEC UPD720100AGM-8EY Datasheet HTML 27Page - NEC UPD720100AGM-8EY Datasheet HTML 28Page - NEC UPD720100AGM-8EY Datasheet HTML 29Page - NEC UPD720100AGM-8EY Datasheet HTML 30Page - NEC UPD720100AGM-8EY Datasheet HTML 31Page - NEC UPD720100AGM-8EY Datasheet HTML 32Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Data Sheet S15535EJ2V0DS
30
µµµµPD720100A
4.
RECOMMENDED SOLDERING CONDITIONS
The
µPD720100A should be soldered and mounted under the following recommended conditions.
For the details of the recommended soldering conditions, refer to the document Semiconductor Device
Mounting Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales
representative.
µµµµPD720100AGM-8ED: 160-pin plastic LQFP (Fine pitch) (24 ×××× 24)
µµµµPD720100AGM-8EY: 160-pin plastic LQFP (Fine pitch) (24 ×××× 24)
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 seconds max. (at 210°C or higher),
Count: Three times or less
Exposure limit: 3 days
Note (after that, prebake at 125°C for 10 hours)
IR35-103-3
Partial heating
Pin temperature: 300°C max., Time: 3 seconds max. (per pin row)
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.
µµµµPD720100AS1-2C: 176-pin plastic FBGA (15 ×××× 15)
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 seconds max. (at 210°C or higher),
Count: Three times or less
Exposure limit: 7 days
Note (after that, prebake at 125°C for 10 hours)
IR35-107-3
Partial heating
Pin temperature: 300°C max., Time: 3 seconds max. (per pin row)
Note After opening the dry pack, store it at 25°C or less and 65% RH or less for the allowable storage period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com