Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720100AGM-8EY Datasheet(PDF) 1 Page - NEC

Part # UPD720100AGM-8EY
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720100AGM-8EY Datasheet(HTML) 1 Page - NEC

  UPD720100AGM-8EY Datasheet HTML 1Page - NEC UPD720100AGM-8EY Datasheet HTML 2Page - NEC UPD720100AGM-8EY Datasheet HTML 3Page - NEC UPD720100AGM-8EY Datasheet HTML 4Page - NEC UPD720100AGM-8EY Datasheet HTML 5Page - NEC UPD720100AGM-8EY Datasheet HTML 6Page - NEC UPD720100AGM-8EY Datasheet HTML 7Page - NEC UPD720100AGM-8EY Datasheet HTML 8Page - NEC UPD720100AGM-8EY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD720100A
USB2.0 HOST CONTROLLER
Document No.
S15535EJ2V0DS00 (2nd edition)
Date Published
October 2002 NS CP (K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
©
2001
The
µPD720100A complies with the Universal Serial Bus Specification Revision 2.0 and Open Host Controller
Interface Specification for full-/low-speed signaling and Intel's Enhanced Host Controller Interface Specification for
high-speed signaling and works up to 480 Mbps. The
µPD720100A is integrated three host controller cores with PCI
interface and USB2.0 transceivers into a single chip.
Detailed function descriptions are provided in the following user’s manual. Be sure to read the manual before designing.
µµµµPD720100A User’s Manual: S15534E
FEATURES
Compliant with Universal Serial Bus Specification Revision 2.0 (Data Rate 1.5/12/480 Mbps)
Compliant with Open Host Controller Interface Specification for USB Rev 1.0a
Compliant with Enhanced Host Controller Interface Specification for USB Rev 0.95
PCI multi-function device consists of two OHCI host controller cores for full-/low-speed signaling and one EHCI
host controller core for high-speed signaling.
Root hub with five (max.) downstream facing ports which are shared by OHCI and EHCI host controller core
All downstream facing ports can handle high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps)
transaction.
Configurable number of downstream facing ports (2 to 5)
32-bit 33 MHz host interface compliant to PCI Specification release 2.2.
Supports PCI Mobile Design Guide Revision 1.1.
Supports PCI-Bus Power Management Interface Specification release 1.1.
PCI Bus bus-master access
System clock is generated by 30 MHz X’tal or 48 MHz clock input.
Operational registers direct-mapped to PCI memory space
Legacy support for all downstream facing ports. Legacy support features allow easy migration for motherboard
implementation.
3.3 V power supply, PCI signal pins have 5 V tolerant circuit.
ORDERING INFORMATION
Part Number
Package
µPD720100AGM-8ED
160-pin plastic LQFP (Fine pitch) (24
× 24)
µPD720100AGM-8EY
160-pin plastic LQFP (Fine pitch) (24
× 24)
µPD720100AS1-2C
176-pin plastic FBGA (15
× 15)


Similar Part No. - UPD720100AGM-8EY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720100AGM-8EY RENESAS-UPD720100AGM-8EY Datasheet
446Kb / 34P
MOS INTEGRATED CIRCUIT
2001
UPD720100AGM-8EY-A RENESAS-UPD720100AGM-8EY-A Datasheet
446Kb / 34P
MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD720100AGM-8EY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com