Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 20Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 24Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 25Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 26Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 27Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Rectified AC
BIAS
AC
LM3450/50A
VCCUV
6V
14V
VCC
AC
RETURN
VCC UVLO
24V
CVCC
QPS
RBS
QSW
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
THERMAL PROTECTION
With the LM3450A, QPS has to dissipate more power than with the LM3450. During worst case conditions such
as open LED load, the converter will be demanding very little current regardless of the triac position. If the phase
dimmer conduction angle is large and the load is not present, QPS has to dissipate many watts since the dynamic
hold is attempting to regulate the current to ten's of mA. Using the LM3450, this is nominally not a problem since
it is sampling the dynamic hold infrequently. However, the LM3450A is drawing the hold current every cycle
which becomes a problem very quickly. It should be noted that If the input AC line is very noisy, the VAC input to
the decoder could have enough variation in steady state to cause the decoder to think the dimmer is transitioning
all of the time. This would increase the sampling rate dramatically, putting much more thermal strain on the
passFET in LM3450 applications as well.
To mitigate these problems, a thermal protection circuit should be implemented on the LM3450A designs (and
can be on the LM3450 designs as well) as shown in red in Figure 31. The NTC thermistor should be placed on
the opposite side of the PCB directly under the drain of QPS. This will provide the best thermal coupling while
maintaining the necessary high voltage spacing constraints. At startup the NTC is at a high resistance value,
turning the PNP fully on which provides the dynamic hold path. As the NTC heats up the resistance decreases
and the base voltage increases. Eventually, the PNP will transition into linear mode and the effective resistance
from collector to emitter will increase. This will decrease the maximum holding current, thereby decreasing the
thermal stress on QPS. Given enough headroom, the circuit should reach thermal equilibrium in a safe controlled
manner.
Since this method of thermal protection linearly reduces the maximum hold current with increasing temperature,
the foldback will not be perceptible to the consumer. Instead, the result of the foldback will simply be a reduction
of contrast ratio, meaning the minimum achievable LED current will increase as the temperature increases
beyond the foldback level.
Figure 35. Primary Bias Circuitry
PRIMARY BIAS SUPPLY
The LM3450/50A requires a supply voltage at VCC, not to exceed 25V. The device has VCC under-voltage lockout
(UVLO) with rising and falling thresholds of 12.9V and 7.9V respectively. A 24V Zener diode should be placed
from the VCC pin to GND to protect the device from substantial spikes that could cause damage.
24
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com