Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3450MT/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 21Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 22Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 23Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 24Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 25Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 26Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 27Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 28Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
18V
3.9V
500k
47uF
20k
COMP
LM3450/50A
BIAS
VADJ VCC
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
Figure 35 shows how the LM3450/50A provides a quick way to generate the necessary primary bias supply at
start-up. Since the AC line peak voltage is always higher than the rating of the controller, all designs require an
N-channel MosFET (passFET). The passFET (QPS) is connected with its drain attached to the rectified AC. The
gate of QPS is connected to the BIAS pin which has a stack of 2 Zener diodes internal to the device. These
diodes are then biased from the rectified AC line through series resistance (RBS). The source of QPS is held at a
VGS below the Zener voltage and current flows through QPS to charge up whatever capacitance is present. If the
capacitance is large enough, the source voltage will remain relatively constant over the line cycle and this
becomes the input bias supply at VCC.
This bias circuit enables instant turn-on. However, once the circuit is operational it is desirable to bootstrap VCC
to an auxiliary winding of the inductor or transformer (also used for ZCD). The two bias paths are each
connected to VCC through a diode to ensure the higher of the two is providing VCC current. This bootstrapping
greatly improves efficiency when quick start-up is necessary.
To ensure that the auxiliary winding is powering VCC at all times except start-up, the LM3450/50A has a dual
BIAS mode. The BIAS voltage at startup is 20V through two Zener diodes. When the VCC UVLO rising threshold
is exceeded and the device turns on, the BIAS pin voltage is reduced to 14V (bottom 6V Zener is shorted). Once
the VCC UVLO falling threshold is reached again, the BIAS pin will return to 20V to attempt to restart the device.
It should be noted that the large hysteresis of VCC UVLO and the dual BIAS mode allow for a large variation of
the auxiliary bias circuitry easing the design of the magnetics.
SOFTSTART
As in any off-line system, softstart is an important part of the design. Since the LM3450/50A are used with phase
dimming applications, the typical startup problems are magnified since a phase dimmer is frequently turned on
and off rapidly. This requires a softstart mechanism that quickly resets when the LM3450/50A turns off. Since the
LM3450/50A has two distinct functional parts (PFC and phase decoder), ideally both should be softstarted
simultaneously. This will ensure the most controlled start-up possible.
The circuit in Figure 36 provides this exact functionality. Both VADJ and COMP are diode or'ed into an RC
charging circuit fed from VCC. The reset mechanism is accomplished using an 18V Zener from BIAS, a current
limiting resistor and an NPN transistor. The reset is activated when VCC uvlo falling is triggered and BIAS
transitions to 20V. This discharges the RC to zero and as soon as VCC uvlo rising is passed BIAS transitions to
14V again, releasing the clamp on the RC softstart circuit. The RC will charge up to the 3.9V Zener clamp (which
is above the dynamic range of COMP and VADJ and become effectively out of the circuit until the next turn-off.
Figure 36. Dual Softstart Circuit
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com