Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT657ADWR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ABT657ADWR
Description  OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT657ADWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ABT657ADWR Datasheet HTML 1Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 2Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 3Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 4Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 5Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 6Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 7Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 8Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN54ABT657A, SN74ABT657A
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS
AND 3-STATE OUTPUTS
SCBS192E – JANUARY 1991 – REVISED JUNE 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT657A is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABT657A is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
NUMBER OF A OR B
INPUTS
I/O
OUTPUTS
INPUTS THAT ARE HIGH
OE
T/R
ODD/EVEN
PARITY
ERR
OUTPUT MODE
L
H
H
H
Z
Transmit
L
HL
L
Z
Transmit
02468
L
LH
H
H
Receive
0, 2, 4, 6, 8
L
LH
L
L
Receive
L
LL
H
L
Receive
L
LL
L
H
Receive
L
H
H
L
Z
Transmit
L
HL
H
Z
Transmit
1357
L
LH
H
L
Receive
1, 3, 5, 7
L
LH
L
H
Receive
L
LL
H
H
Receive
L
LL
L
L
Receive
Don’t care
H
X
X
Z
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com