Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT657ADWR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ABT657ADWR
Description  OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS AND 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT657ADWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ABT657ADWR Datasheet HTML 3Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 4Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 5Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 6Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 7Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 8Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 9Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 10Page - Texas Instruments SN74ABT657ADWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN54ABT657A, SN74ABT657A
OCTAL TRANSCEIVERS WITH PARITY GENERATORS/CHECKERS
AND 3-STATE OUTPUTS
SCBS192E – JANUARY 1991 – REVISED JUNE 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT657A
SN74ABT657A
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1
3.2
4.2
1
5
1
4.6
ns
tPHL
A or B
B or A
1
2.8
3.8
1
4.5
1
4.3
ns
tPLH
A
PARITY
1.8
4.8
6.3
1.8
8.5
1.8
8.1
ns
tPHL
A
PARITY
2.3
4.9
6.4
2.3
8.1
2.3
7.7
ns
tPLH
ODD/EVEN
PARITY ERR
1.1
3.3
4.2
1.1
5.3
1.1
4.9
ns
tPHL
ODD/EVEN
PARITY, ERR
1.3
3.4
4.5
1.3
5.1
1.3
4.9
ns
tPLH
B
ERR
1.6
4.7
6.5
1.6
8.4
1.6
7.9
ns
tPHL
B
ERR
2.1
4.9
6.9
2.1
8
2.1
7.8
ns
tPLH
PARITY
ERR
2
4.8
6.3
2
8.1
2
7.7
ns
tPHL
PARITY
ERR
2.1
4.9
6.7
2.1
8
2.1
7.5
ns
tPZH
OE
A B PARITY
1.4
4
5.4
1.4
6.8
1.4
6.5
ns
tPZL
OE
A, B, PARITY
1.7
4.1
5.8
1.7
6.7
1.7
6.5
ns
tPZH
OE
ERR
1.8
4.1
5.4
1.8
6.9
1.8
6.6
ns
tPZL
OE
ERR
3.3
6.2
7.6
3.3
9.7
3.3
9.2
ns
tPHZ
OE
A, B, PARITY, or
2.4
4.2
5.6
2.4
6.3
2.4
6.2
ns
tPLZ
OE
,,
,
ERR
1.8
4.2
6.2
1.8
8.9
1.8
7.8
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com