Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3549 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 10Page - Texas Instruments LM3549 Datasheet HTML 11Page - Texas Instruments LM3549 Datasheet HTML 12Page - Texas Instruments LM3549 Datasheet HTML 13Page - Texas Instruments LM3549 Datasheet HTML 14Page - Texas Instruments LM3549 Datasheet HTML 15Page - Texas Instruments LM3549 Datasheet HTML 16Page - Texas Instruments LM3549 Datasheet HTML 17Page - Texas Instruments LM3549 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
S
W
Slave Address
(7 bits)
Control Register Add.
(8 bits)
A
A
A
Register Data
(8 bits)
P
From Master to Slave
From Slave to Master
A - ACKNOWLEDGE (SDA Low)
S - START CONDITION
P - STOP CONDITION
W - WRITE
SDA
SCL
S
P
START condition
STO
P condition
SCL
SDA
data
change
allowed
data valid
data
change
allowed
data valid
data
change
allowed
LM3549
SNVS640A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
I2C VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when CLK is LOW.
Figure 21. I2C Signals: Data Validity
I2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of the I2C session. START condition is defined as SDA
signal transitioning from HIGH to LOW while SCL line is HIGH. STOP condition is defined as the SDA
transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and STOP bits.
The I2C bus is considered to be busy after START condition and free after STOP condition. During data
transmission, I2C master can generate repeated START conditions. First START and repeated START
conditions are equivalent, function-wise.
Figure 22. Start and Stop Conditions
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the master. The transmitter releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver
must pull down the SDA line during the ninth clock pulse, signifying an acknowledge. A receiver which has been
addressed must generate an acknowledge after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM3549 address is 36 hex. For the eighth bit, a “0” indicates a
WRITE and a “1” indicates a READ. The second byte selects the register to which the data will be written. The
third byte contains data to write to the selected register.
Figure 23. I2C Write Cycle
14
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com