Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3549 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3549
Description  High Power Sequential LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3549 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3549 Datasheet HTML 13Page - Texas Instruments LM3549 Datasheet HTML 14Page - Texas Instruments LM3549 Datasheet HTML 15Page - Texas Instruments LM3549 Datasheet HTML 16Page - Texas Instruments LM3549 Datasheet HTML 17Page - Texas Instruments LM3549 Datasheet HTML 18Page - Texas Instruments LM3549 Datasheet HTML 19Page - Texas Instruments LM3549 Datasheet HTML 20Page - Texas Instruments LM3549 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LM3549
www.ti.com
SNVS640A – AUGUST 2010 – REVISED MAY 2013
0Bh IB1_LSB and 0Ch IB1_MSB
Blue LED current setting for Bank 1. IB1_LSB holds the eight least significant bits and IB1_MSB the two most
significant bits.
0Dh IR2_LSB and 0Eh IR2_MSB
Red LED current setting for Bank 2. IR2_LSB holds the eight least significant bits and IR2_MSB the two most
significant bits.
0Fh IG2_LSB and 10h IG2_MSB
Green LED current setting for Bank 2. IG2_LSB holds the eight least significant bits and IG2_MSB the two most
significant bits.
11h IB2_LSB and 12h IB2_MSB
Blue LED current setting for Bank 2. IB2_LSB holds the eight least significant bits and IB2_MSB the two most
significant bits.
13h FADER
Master fader control register. Can be used to control the total brightness of the LEDs if MFE is enabled.
14h CTRL
Control register. Controls many of the LM3549 features.
BIT[1:0] PWM and MFE
Control register bits [1:0] can be used to enable master control or PWM brightness control.
MFE
PWM
BRIGHTNESS CONTROL
0
0
No brightness control
0
1
PWM input
1
0
Master input
1
1
PWM input
BIT[3:2] TIME OUT[1:0]
Selects how long device stays in active mode after all x_EN controls have been set low
BIT
TIME OUT
0
0
125 ms
0
1
250 ms
1
0
500 ms
1
1
1s
BIT[5:4] SOFT START[1:0]
Enables soft start feature and selects soft start time.
BIT
SOFT START TIME
0
0
disabled
0
1
0.5s
1
0
1s
1
1
2s
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3549



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com