Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLL3303 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLL3303
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL3303 Datasheet(HTML) 1 Page - International Rectifier

  IRLL3303 Datasheet HTML 1Page - International Rectifier IRLL3303 Datasheet HTML 2Page - International Rectifier IRLL3303 Datasheet HTML 3Page - International Rectifier IRLL3303 Datasheet HTML 4Page - International Rectifier IRLL3303 Datasheet HTML 5Page - International Rectifier IRLL3303 Datasheet HTML 6Page - International Rectifier IRLL3303 Datasheet HTML 7Page - International Rectifier IRLL3303 Datasheet HTML 8Page - International Rectifier IRLL3303 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLL3303
HEXFET® Power MOSFET
S
D
G
VDSS = 30V
RDS(on) = 0.031Ω
ID = 4.6A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The SOT-223 package is designed for surface-mount
using vapor phase, infra red, or wave soldering techniques.
Its unique package design allows for easy automatic pick-
and-place as with other SOT or SOIC packages but has
the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation
of 1.0W is possible in a typical surface mount application.
1/22/99
Description
l Surface Mount
l Dynamic dv/dt Rating
l Logic-Level Gate Drive
l Fast Switching
l Ease of Paralleling
l Advanced Process Technology
l Ultra Low On-Resistance
SO T -2 2 3
* When mounted on FR-4 board using minimum recommended footprint.
** When mounted on 1 inch square copper board, for comparison with other SMD devices.
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Amb. (PCB Mount, steady state)*
93
120
RθJA
Junction-to-Amb. (PCB Mount, steady state)**
48
60
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V**
6.5
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V*
4.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V*
3.7
IDM
Pulsed Drain Current

37
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.1
W
PD @TA = 25°C
Power Dissipation (PCB Mount)*
1.0
W
Linear Derating Factor (PCB Mount)*
8.3
mW/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
140
mJ
IAR
Avalanche Current

4.6
A
EAR
Repetitive Avalanche Energy

0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
1.3
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
www.irf.com
1
PD- 91379C


Similar Part No. - IRLL3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL3303PBF IRF-IRLL3303PBF Datasheet
165Kb / 9P
HEXFET Power MOSFET
IRLL3303PBF IRF-IRLL3303PBF Datasheet
169Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRLL3303PBF IRF-IRLL3303PBF_15 Datasheet
169Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRLL3303TRPBF IRF-IRLL3303TRPBF Datasheet
169Kb / 9P
Surface Mount
logo
VBsemi Electronics Co.,...
IRLL3303TRPBF VBSEMI-IRLL3303TRPBF Datasheet
1Mb / 8P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - IRLL3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com