Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLL3303 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLL3303
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL3303 Datasheet(HTML) 2 Page - International Rectifier

  IRLL3303 Datasheet HTML 1Page - International Rectifier IRLL3303 Datasheet HTML 2Page - International Rectifier IRLL3303 Datasheet HTML 3Page - International Rectifier IRLL3303 Datasheet HTML 4Page - International Rectifier IRLL3303 Datasheet HTML 5Page - International Rectifier IRLL3303 Datasheet HTML 6Page - International Rectifier IRLL3303 Datasheet HTML 7Page - International Rectifier IRLL3303 Datasheet HTML 8Page - International Rectifier IRLL3303 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLL3303
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.034 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.031
VGS = 10V, ID = 4.6A
„
–––
––– 0.045
VGS = 4.5V, ID = 2.3A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
5.5
–––
–––
S
VDS = 10V, ID = 2.3A
–––
–––
25
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -16V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 16V
Qg
Total Gate Charge
–––
34
50
ID = 4.6A
Qgs
Gate-to-Source Charge
–––
4.4
6.5
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
10
16
VGS = 10V, See Fig. 6 and 9
„
td(on)
Turn-On Delay Time
–––
7.2
–––
VDD = 15V
tr
Rise Time
–––
22
–––
ID = 4.6A
td(off)
Turn-Off Delay Time
–––
33
–––
RG = 6.2Ω
tf
Fall Time
–––
28
–––
RD = 3.2Ω, See Fig. 10
„
Ciss
Input Capacitance
–––
840
–––
VGS = 0V
Coss
Output Capacitance
–––
340
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
170
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 4.6A, VGS = 0V
„
trr
Reverse Recovery Time
–––
65
98
ns
TJ = 25°C, IF = 4.6A
Qrr
Reverse RecoveryCharge
–––
160
240
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
37
0.91
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 4.6A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ VDD = 15V, starting TJ = 25°C, L = 13mH
RG = 25Ω, IAS = 4.6A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Rev. #
Parameters
Old spec.
New spec.
Comments
Revision Date
1VGS(th) (Max.)
2.5V
No spec.
Removed VGS(th) (Max). Specification
11/1/96
1VGS (Max.)
±20
±16
Decrease VGS (Max). Specification
11/1/96
Specification changes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com