Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYN100N120C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYN100N120C3
Description  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN100N120C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYN100N120C3 Datasheet HTML 1Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 2Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 3Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 4Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 5Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYN100N120C3
V
CES
= 1200V
I
C110
= 86A
V
CE(sat)
≤≤≤≤≤ 3.5V
t
fi(typ)
= 110ns
DS100405A(03/13)
High-Speed IGBT
for 20-50 kHz Switching
Features
Optimized for Low Switching Losses
Square RBSOA
Isolation Voltage 2500V~
Positive Thermal Coefficient of
Vce(sat)
Avalanche Rated
High Current Handling Capability
International Standard Package
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
1200
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 150°C
1.25 mA
I
GES
V
CE = 0V, VGE = ±20V
±100 nA
V
CE(sat)
I
C
= 100A, V
GE = 15V, Note 1
2.9
3.5
V
T
J = 150°C
4.1
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
1200
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1MΩ
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C (Chip Capability)
152
A
I
C110
T
C = 110°C
86
A
I
CM
T
C = 25°C, 1ms
490
A
I
A
T
C = 25°C
50
A
E
AS
T
C = 25°C
1.2
J
SSOA
V
GE = 15V, TVJ = 150°C, RG = 1Ω
I
CM = 200
A
(RBSOA)
Clamped Inductive Load
@V
CE ≤ VCES
P
C
T
C = 25°C
830
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
V
ISOL
50/60Hz
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in.
Terminal Connection Torque
1.3/11.5
Nm/lb.in.
Weight
30
g
1200V XPTTM IGBT
GenX3TM
SOT-227B, miniBLOC
G = Gate, C = Collector, E = Emitter
either emitter terminal can be used as
Main or Kelvin Emitter
G
E
E
C
E153432
E
Preliminary Technical Information


Similar Part No. - IXYN100N120C3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXYN100N120C3 ISC-IXYN100N120C3 Datasheet
578Kb / 2P
IGBT
logo
IXYS Corporation
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
1200V XPTTM IGBT GenX3TM w/ Diode
logo
Inchange Semiconductor ...
IXYN100N120C3H1 ISC-IXYN100N120C3H1 Datasheet
554Kb / 3P
IGBT
More results

Similar Description - IXYN100N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com