Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYN100N120C3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYN100N120C3
Description  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN100N120C3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYN100N120C3 Datasheet HTML 1Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 2Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 3Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 4Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 5Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYN100N120C3
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0
1
2
3
4
5
6
7
8
12
345
678
9
10
RG - Ohms
0
2
4
6
8
10
12
14
16
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 600V
I C = 50A
I C = 100A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
60
80
100
120
140
160
12345
6789
10
RG - Ohms
0
100
200
300
400
500
t f i
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 600V
I C = 100A
I C = 50A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
0
2
4
6
8
10
12
14
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 600V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
25
50
75
100
125
TJ - Degrees Centigrade
0
2
4
6
8
10
12
14
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 600V
I C = 50A
I C = 100A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
50
70
90
110
130
150
170
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
100
120
140
160
180
200
220
t f i
td(off) - - - -
RG = 1Ω , VGE = 15V
VCE = 600V
TJ = 125ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
50
70
90
110
130
150
170
25
50
75
100
125
TJ - Degrees Centigrade
100
120
140
160
180
200
220
t f i
td(off) - - - -
RG = 1Ω , VGE = 15V
VCE = 600V
I C = 50A, 100A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com