Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4849 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4849
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4849 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4849 Datasheet HTML 1Page - National Semiconductor (TI) LM4849 Datasheet HTML 2Page - National Semiconductor (TI) LM4849 Datasheet HTML 3Page - National Semiconductor (TI) LM4849 Datasheet HTML 4Page - National Semiconductor (TI) LM4849 Datasheet HTML 5Page - National Semiconductor (TI) LM4849 Datasheet HTML 6Page - National Semiconductor (TI) LM4849 Datasheet HTML 7Page - National Semiconductor (TI) LM4849 Datasheet HTML 8Page - National Semiconductor (TI) LM4849 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Truth Table for Logic Inputs (Note 16)
Mute
Mux Control
HP Sense
Inputs Selected
Bridged Output
Single-Ended
Output
0
0
0
Left In 1, Right In 1
Vol. Adjustable
-
0
0
1
Left In 1, Right In 1
Muted
Vol. Adjustable
0
1
0
Left In 2, Right In 2
Vol. Adjustable
-
0
1
1
Left In 2, Right In 2
Muted
Vol. Adjustable
1
X
X
-
Muted
Muted
Note 16: If system beep is detected on the Beep in pin (pin 11) and beep is fed to inputs, the system beep will be passed through the bridged amplifier regardless
of the logic of the Mute, HP sense, or DC Volume Control pins.
Typical Performance Characteristics
LM4849MH
THD+N vs Output Power
LM4849MH
THD+N vs Frequency
20076770
20076771
LM4849MH
THD+N vs Output Power
LM4849MH
THD+N vs Frequency
20076772
20076773
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com