Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4849 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4849
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4849 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4849 Datasheet HTML 6Page - National Semiconductor (TI) LM4849 Datasheet HTML 7Page - National Semiconductor (TI) LM4849 Datasheet HTML 8Page - National Semiconductor (TI) LM4849 Datasheet HTML 9Page - National Semiconductor (TI) LM4849 Datasheet HTML 10Page - National Semiconductor (TI) LM4849 Datasheet HTML 11Page - National Semiconductor (TI) LM4849 Datasheet HTML 12Page - National Semiconductor (TI) LM4849 Datasheet HTML 13Page - National Semiconductor (TI) LM4849 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics (Continued)
Output Power vs
Load Resistance
Output Power vs
Load Resistance
20076762
20076706
Output Power vs
Load Resistance
Power Supply
Rejection Ratio
20076707
20076735
Dropout Voltage
Output Power vs
Load Resistance
20076753
20076708
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com