Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP84910 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 17Page - National Semiconductor (TI) DP84910 Datasheet HTML 18Page - National Semiconductor (TI) DP84910 Datasheet HTML 19Page - National Semiconductor (TI) DP84910 Datasheet HTML 20Page - National Semiconductor (TI) DP84910 Datasheet HTML 21Page - National Semiconductor (TI) DP84910 Datasheet HTML 22Page - National Semiconductor (TI) DP84910 Datasheet HTML 23Page - National Semiconductor (TI) DP84910 Datasheet HTML 24Page - National Semiconductor (TI) DP84910 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Control Register Description
The control register (CR) is comprised of a thirteen bit serial
shift register (eleven data bits and two address bits) four
banks of eleven bit latches and supporting logic The latch-
es are segmented into four subsections (banks) to allow the
user to loadreload subsets of control bits without having to
enter the entire contents of forty-four bits Information is
strobed into the shift register via the CONTROL REGISTER
DATA (CRD) input on the positive edge of CONTROL REG-
ISTER CLOCK (CRC) input with the CONTROL REGISTER
LATCHSHIFT BAR (CRLS) pin at a logical low state The
data from the shift register is parallel transmitted to one of
the four latch banks when CRLS is given a positive tran-
sition To minimize power consumption the CRLS pin
should be kept at a logical high state except when shifting
data into the control register (When this pin is at a logical
high level power to the shift register is interrupted) The
SLEEP and IDLESERVO pins must be disabled (SLEEP e
high and IDLESERVO e low) in order to enter data into
the control register
Bit positions two through twelve contain the control informa-
tion The last two bits entered into the shift register (posi-
tions zero and one) are the two address bits which select
one of the four latch banks into which the data bits are
loaded Table IIa lists the control register bit names and
briefly describes their functions When the device is first
powered on or the sleep mode is exited all the information
bits are forced to Power-On-Reset (POR) states The CON-
TROL REGISTER DATA OUTPUT (CRDO) pin issues data
from the shift register This output is made available so that
it can be connected to the input of another device’s control
register input such as NSC’s ENDEC (DP84900) This will
minimize the number of data lines from the controller Even
though all control register latches are preset into known
states when the DP84910 is energized (either by applying
VCC or taking SLEEP high) the shift register flip-flops are in
indeterminate states until valid data is shifted fully through
the register Thus the CRDO data is not valid after power
up until all thirteen bits have been shifted in Also note that if
the CRLS input is given a positive transition after power up
occurs but before valid data has been entered into the shift
register the indeterminate contents of the shift register will
be randomly loaded into one of the four banks of latches
Valid data must be loaded into the shift register before
CRLS is given a positive transition
TLF11777 – 7
FIGURE 6 Control Register Block Dlagram
http
www nationalcom
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com