Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4510PDV Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI4510PDV
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510PDV Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI4510PDV Datasheet HTML 35Page - Texas Instruments PCI4510PDV Datasheet HTML 36Page - Texas Instruments PCI4510PDV Datasheet HTML 37Page - Texas Instruments PCI4510PDV Datasheet HTML 38Page - Texas Instruments PCI4510PDV Datasheet HTML 39Page - Texas Instruments PCI4510PDV Datasheet HTML 40Page - Texas Instruments PCI4510PDV Datasheet HTML 41Page - Texas Instruments PCI4510PDV Datasheet HTML 42Page - Texas Instruments PCI4510PDV Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 220 page
background image
2−21
Table 2−13. 16-Bit PC Card Interface Control Terminals (Continued)
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
RGVF
I/O
DESCRIPTION
VS1
VS2
181
167
B10
F12
A03
E08
I/O
Voltage sense 1 and voltage sense 2. VS1 and VS2, when used in conjunction with each other,
determine the operating voltage of the PC Card.
WAIT
183
E10
B03
I
Bus cycle wait. WAIT is driven by a 16-bit PC Card to extend the completion of the memory or I/O
cycle in progress.
WE
156
D19
B09
O
Write enable. WE is used to strobe memory write data into 16-bit memory PC Cards. WE is also
used for memory PC Cards that employ programmable memory technologies.
WP
(IOIS16)
186
B09
C03
I
Write protect. WP applies to 16-bit memory PC Cards. WP reflects the status of the write-protect
switch on 16-bit memory PC Cards. For 16-bit I/O cards, WP is used for the 16-bit port (IOIS16)
function.
I/O is 16 bits. IOIS16 applies to 16-bit I/O PC Cards. IOIS16 is asserted by the 16-bit PC Card when
the address on the bus corresponds to an address to which the 16-bit PC Card responds, and the
I/O port that is addressed is capable of 16-bit accesses.
Table 2−14. CardBus PC Card Interface System Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
RGVF
I/O
DESCRIPTION
CCLK
158
C15
E09
O
CardBus clock. CCLK provides synchronous timing for all transactions on the CardBus
interface. All signals except CRST, CCLKRUN, CINT, CSTSCHG, CAUDIO, CCD2, CCD1,
CVS2, and CVS1 are sampled on the rising edge of CCLK, and all timing parameters are
defined with the rising edge of this signal. CCLK operates at the PCI bus clock frequency, but
it can be stopped in the low state or slowed down for power savings.
CCLKRUN
186
B09
C03
I/O
CardBus clock run. CCLKRUN is used by a CardBus PC Card to request an increase in the
CCLK frequency, and by the PCI4510 device to indicate that the CCLK frequency is going to
be decreased.
CRST
169
B13
A06
O
CardBus reset. CRST brings CardBus PC Card-specific registers, sequencers, and signals
to a known state. When CRST is asserted, all CardBus PC Card signals are placed in a
high-impedance state, and the PCI4510 device drives these signals to a valid logic level.
Assertion can be asynchronous to CCLK, but deassertion must be synchronous to CCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com