Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI4510PDV Datasheet(PDF) 21 Page - Texas Instruments

Part # PCI4510PDV
Description  PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4510PDV Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI4510PDV Datasheet HTML 17Page - Texas Instruments PCI4510PDV Datasheet HTML 18Page - Texas Instruments PCI4510PDV Datasheet HTML 19Page - Texas Instruments PCI4510PDV Datasheet HTML 20Page - Texas Instruments PCI4510PDV Datasheet HTML 21Page - Texas Instruments PCI4510PDV Datasheet HTML 22Page - Texas Instruments PCI4510PDV Datasheet HTML 23Page - Texas Instruments PCI4510PDV Datasheet HTML 24Page - Texas Instruments PCI4510PDV Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 220 page
background image
2−3
W
AD27
VCCP
C/BE3
IDSEL
AD19
C/BE2
STOP
C/BE1
VCCP
C/BE0
AD4
AD0
TPB0N
TPA0N
TPB1N
NC
TPA1N
V
AD30
AD29
AD26
AD24
AD23
AD18
FRAME
PERR
AD15
AD11
AD7
AD3
PC2
TPB0P
TPA0P
TPB1P
ANALOG
VCC
TPA1P
PLLVCC
U
REQ
AD31
AD28
AD25
AD22
AD17
IRDY
SERR
AD14
AD10
AD6
AD2
PC1
ANALOG
GND
TPBIAS
0
ANALOG
GND
TPBIAS
1
R0
R1
T
GRST
GNT
RI_OUT
/PME
FILTER
0
FILTER
1
R
MFUNC
6
SUSPE
ND
PRST
AD21
AD16
TRDY
AD13
AD9
AD5
PC0
ANALOG
VCC
ANALOG
VCC
PHY_
TEST_MA
XI
XO
P
MFUNC
2
MFUNC
3
MFUNC
4
PCLK
AD20
PAR
TEST0
PLL
GND
CNA
NC
N
VD2/
VPPD1
VD3/
VPPD0
MFUNC
0
MFUNC
5
VCC
DEVSEL
AD12
AD8
AD1
ANALO
GGND
NC
M
CLK_48
_RSVD
SDA
SCL
MFUNC
1
VCC
GND
VCC
VCC
CPS
VCC
VR_
PORT
L
VD0/
VCCD1
VD1/
VCCD0
SPKR
OUT
GND
GND
GND
GND
GND
NC
K
SC_
RSVD
SC_
RSVD
VCC
GND
GND
GND
VCC
NC
J
SC_
RSVD
SC_
RSVD
SC_
RSVD
SC_
RSVD
MC_
RSVD
SC_
RSVD
VCC
GND
GND
GND
VCC
NC
H
VR_
PORT
VR_EN
MC_
RSVD
MC_
RSVD
MC_
RSVD
VCC
VCC
VCC
VCC
VCC
GND
NC
G
MC_
RSVD
MC_
RSVD
MC_
RSVD
MC_
RSVD
GND
GND
CAD20
// A6
CPAR //
A13
CAD14
// A9
CC/BE0
// CE1
GND
F
MC_
RSVD
CC/BE2
// A12
CPERR
// A14
CAD6 //
D13
NC
E
CCD2 //
CD2
CAD24
// A2
CREQ //
INPACK
CVS2 //
VS2
CCLK //
A16
CBLOC
K // A19
CAD15
// IOWR
CAD8 //
D15
CAD3 //
D5
CAD0 //
D3
NC
D
CAD31
// D10
CRSVD
// D2
CAD29
// D1
NC
C
CAD30
// D9
CAD28
// D8
CCLKRU
N // WP
CINT //
READY
CC/BE3
// REG
CAD22
// A4
CAD19
// A25
CFRAM
E // A23
CDEVSE
L
// A21
CRSVD
// A18
CAD13
// IORD
CAD11
// OE
CAD7 //
D7
CAD4 //
D12
CCD1 //
CD1
B
CAD27
// D0
CSTSCH
G // BVD1
CSERR
// WAIT
CAD26
// A0
CAD23
// A3
CAD21
// A5
CAD18
// A7
CIRDY
// A15
CGNT //
WE
CC/BE1
// A8
CAD12
// A11
CAD10
// CE2
CRSVD
// D14
CAD1 //
D4
NC
NC
A
CAUDIO
// BVD2
CVS1 //
VS1
CAD25
// A1
VCCCB
CRST //
RESET
CAD17
// A24
CTRDY
// A22
CSTOP
// A20
CAD16
// A17
VCCCB
CAD9 //
A10
CAD5 //
D6
CAD2 //
D11
TEST1
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Figure 2−2. PCI4510 RGVF Terminal Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com