Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4665ITL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4665ITL/NOPB
Description  LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4665ITL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4665ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM4665
www.ti.com
SNAS146E – FEBRUARY 2002 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage(1)
6.0V
Storage Temperature
−65°C to +150°C
Voltage at Any Input Pin
VDD + 0.3V ≥ V ≥ GND - 0.3V
Power Dissipation(4)
Internally Limited
ESD Susceptibility(5)
2.0kV
ESD Susceptibility(6)
200V
Junction Temperature (TJ)
150°C
θJA (VSSOP)
190°C/W
θJC (VSSOP)
56°C/W
Thermal Resistance
θJA (DSBGA)
180°C/W
θJA (WSON)
(7)
63°C/W
θJC (WSON)
(7)
12°C/W
Soldering Information
See the AN-1112 Application Report
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4665, TJMAX = 150°C. See the Efficiency and Power Dissipation versus Output Power curves for more information.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(6)
Machine Model, 220 pF–240 pF discharged through all pins.
(7)
The exposed-DAP of the LDA10B package should be electrically connected to GND.
Operating Ratings
(1)
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage (DGS & NGZ)
2.7V
≤ VDD ≤ 5.5V
Supply Voltage (YZR0009) (Note11)
2.7V
≤ VDD ≤ 3.8V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com