Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4665ITL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4665ITL/NOPB
Description  LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4665ITL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4665ITL/NOPB Datasheet HTML 1Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 2Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4665ITL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM4665
www.ti.com
SNAS146E – FEBRUARY 2002 – REVISED MAY 2013
LM4665
Filterless High Efficiency 1W Switching Audio
Amplifier
Check for Samples: LM4665
1
FEATURES
DESCRIPTION
The LM4665 is a fully integrated single-supply high
2
•
No Output Filter Required for Inductive
efficiency switching audio amplifier. It features an
Transducers
innovative modulator that eliminates the LC output
•
Selectable Gain of 6dB (2V/V) or 12dB (4V/V)
filter
used
with
typical
switching
amplifiers.
•
Very Fast Turn On Time: 5ms (typ)
Eliminating the output filter reduces parts count,
simplifies circuit design, and reduces board area. The
•
User Selectable Shutdown High or Low Logic
LM4665 processes analog inputs with a delta-sigma
Level
modulation technique that lowers output noise and
•
Minimum External Components
THD when compared to conventional pulse width
•
"Click and Pop" Suppression Circuitry
modulators.
•
Micro-Power Shutdown Mode
The LM4665 is designed to meet the demands of
mobile phones and other portable communication
•
Short Circuit Protection
devices. Operating on a single 3V supply, it is
•
DSBGA, WSON, and VSSOP Packages (No
capable
of
driving
8
Ω
transducer
loads
at
a
Heat Sink Required)
continuous average output of 400mW with less than
2%THD+N.
APPLICATIONS
The
LM4665
has
high
efficiency
with
an
8
Ω
•
Mobile Phones
transducer load compared to a typical Class AB
•
PDAs
amplifier. With a 3V supply, the IC's efficiency for a
100mW power level is 75%, reaching 80% at 400mW
•
Portable Electronic Devices
output power.
KEY SPECIFICATIONS
The LM4665 features a low-power consumption
shutdown mode. Shutdown may be enabled by either
•
Efficiency at 100mW into 8
Ω Transducer
a logic high or low depending on the mode selection.
75%(typ)
Connecting the Shutdown Mode pin to either VDD
•
Efficiency at 400mW into 8
Ω Transducer
(high) or GND (low) enables the Shutdown pin to be
80%(typ)
driven in a likewise manner to activate shutdown.
•
Total Quiescent Power Supply Current (3V)
The LM4665 has fixed selectable gain of either 6dB
3mA(typ)
or 12dB. The LM4665 has short circuit protection
•
Total Shutdown Power Supply Current (3V)
against a short from the outputs to VDD, GND or
across the outputs.
0.01µA(typ)
•
Single Supply Range (VSSOP & WSON) 2.7V to
5.5V
•
Single Supply Range (DSBGA) (Note 11) 2.7V
to 3.8V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4665ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4665ITL NSC-LM4665ITL Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
logo
Rochester Electronics
LM4665ITL ROCHESTER-LM4665ITL Datasheet
609Kb / 1P
NATIONAL?셎 AUDIO AMPLIFIER now featuring RoHS compliancy Audio Amplifier
logo
National Semiconductor ...
LM4665ITLX NSC-LM4665ITLX Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
logo
Rochester Electronics
LM4665ITLX ROCHESTER-LM4665ITLX Datasheet
609Kb / 1P
NATIONAL?셎 AUDIO AMPLIFIER now featuring RoHS compliancy Audio Amplifier
More results

Similar Description - LM4665ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4667 TI1-LM4667 Datasheet
1Mb / 24P
LM4667 Filterless High Efficiency 1.3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com