Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48520TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM48520TL/NOPB
Description  Boosted Stereo Class D Audio Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48520TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
500
1000 1500
2000 2500
OUTPUT POWER (mW)
3000
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT POWER (mW)
0
100
200
300
400
500
600
700
800
0
500 1000 1500 2000 2500 3000 3500
OUTPUT POWER (mW)
POUT = POUTL+ POUTR
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
OUTPUT POWER (mW)
0
150
300
450
600
750
0
500
1000
1500
2000
2500
OUTPUT POWER (mW)
POUT = POUTL + POUTR
0
100
200
300
400
500
600
700
800
0
500
1000
1500
2000
2500
3000
OUTPUT POWER (mW)
POUT = POUTL + POUTR
LM48520, LM48520TLBD
www.ti.com
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Power Dissipation vs Output Power
Power Dissipation vs Output Power
VDD = 2.7V, RL = 8Ω, f = 1kHz
VDD = 3.3V, RL = 8Ω, f = 1kHz
Figure 9.
Figure 10.
Power Dissipation vs Output Power
Efficiency vs Output Power
VDD = 5.0V, RL = 8Ω, f = 1kHz
VDD = 2.7V, RL = 8Ω, f = 1kHz
Figure 11.
Figure 12.
Efficiency vs Output Power
Efficiency vs Output Power
VDD = 3.3V, RL = 8Ω, f = 1kHz
VDD = 5.0V, RL = 8Ω, f = 1kHz
Figure 13.
Figure 14.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com