Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48520TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM48520TL/NOPB
Description  Boosted Stereo Class D Audio Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48520TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48520TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48520TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LM48520, LM48520TLBD
www.ti.com
SNAS367C – FEBRUARY 2008 – REVISED APRIL 2013
Maximum Switch Current
The maximum FET switch current available before the current limiter cuts in is dependent on duty cycle of the
application. This is illustrated in a graph in the Typical Performance Characteristics section which shows typical
values of switch current as a function of effective (actual) duty cycle.
Calculating Output Current of Boost Converter (IAMP)
The load current is related to the average inductor current by the relation:
ILOAD = IIND(AVG) x (1 - DC)
(8)
where:
"DC" is the duty cycle of the application
The switch current can be found by:
ISW = IIND(AVG) + 1/2 (IRIPPLE)
(9)
Inductor ripple current is dependent on inductance, duty cycle, input voltage and frequency:
IRIPPLE = DC x (VIN-VSW) / (f x L)
(10)
combining all terms, we can develop an expression which allows the maximum available load current to be
calculated:
ILOAD(max) = (1–DC)x(ISW(max)–DC(VIN-VSW))/fL
(11)
The equation shown to calculate maximum load current takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode.
Design Parameters VSW and ISW
The value of the FET "ON" voltage (referred to as VSW in Equation 4 thru Equation 9) is dependent on load
current. A good approximation can be obtained by multiplying the "ON Resistance" of the FET times the average
inductor current.
FET on resistance increases at VIN values below 5V, since the internal N-FET has less gate voltage in this input
voltage range (see Typical Performance Characteristics curves). Above VIN = 5V, the FET gate voltage is
internally clamped to 5V.
The maximum peak switch current the device can deliver is dependent on duty cycle. For higher duty cycles, see
Typical Performance Characteristics curves.
Inductor Suppliers
The recommended inductor for the LM48520 is the NR8040T6R8N from Taiyo Yuden. When selecting an
inductor, make certain that the continuous current rating is high enough to avoid saturation at peak currents,
where:
IIND = (PV1 / VDD) x ILOAD(BOOST)
(12)
A suitable core type must be used to minimize core (switching) losses, and wire power losses must be
considered when selecting the current rating.
PCB Layout Guidelines
High frequency boost converters require very careful layout of components in order to get stable operation and
low noise.
All components must be as close as possible to the LM48520 device. It is recommended that a four layer PCB
be used so that internal ground planes are available.
Some additional guidelines to be observed (all designators are referencing Figure 1):
1. Keep the path between L1, D1, and Co extremely short. Parasitic trace inductance in series with D1 and Co
will increase noise and ringing.
2. The feedback components R1, R2 and Cf1 must be kept close to the FB pin to prevent noise injection on the
FB pin trace.
3. Since the external components of the boost converter are switching, L1 and D1 should be kept away from
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48520 LM48520TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com