Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4935RL/NOPB
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4935RL/NOPB Datasheet HTML 1Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 2Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 3Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 4Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 5Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 6Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 7Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 8Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
LM4935, LM4935RLEVAL
SNAS296E – OCTOBER 2005 – REVISED MAY 2013
www.ti.com
1.3
Applications
•
Smartphones
•
Mobile Phones and Multimedia Terminals
•
PDAs, Internet Appliances and Portable Gaming
•
Portable DVD/CD/AAC/MP3 Players
•
Digital Cameras/Camcorders
1.4
Description
The LM4935 is an integrated audio subsystem that supports both analog and digital audio functions. The
LM4935 includes a high quality stereo DAC, a mono ADC, a multi-purpose SAR ADC, a stereo
headphone amplifier, which supports output cap-less (OCL) or AC-coupled (SE)modes of operation, a
mono earpiece amplifier and a mono high efficiency loudspeaker amplifier. It is designed for demanding
applications in mobile phones and other portable devices.
The LM4935 features a bi-directional I2S serial interface for full range audio and an I2C™ or SPI
compatible interface for control. The stereo DAC path features an SNR of 88 dB with an 18-bit 48 kHz
input. In SE mode the headphone amplifier delivers at least 33 mWRMS to a 32Ω single-ended stereo load
with less than 1% distortion (THD+N) when A_VDD = 3.3V. The mono earpiece amplifier delivers at least
115 mWRMS to a 32Ω bridged-tied load with less than 1% distortion (THD+N) when A_VDD = 3.3V. The
mono speaker amplifier delivers up to 600 mW into an 8
Ω load with less than 1% distortion when LS_VDD
= 3.3V and up to 1.3W when LS_VDD = 5.0V. The LM4935 also contains a general purpose SAR ADC for
housekeeping duties such as battery and temperature monitoring. This can also be used for analog
volume control of the output stages and can trigger interrupt events.
The LM4935 employs advanced techniques to reduce power consumption, to reduce controller overhead
to speed development time and to eliminate click and pop. Boomer audio power amplifiers were designed
specifically to provide high quality output power with a minimal amount of external components. It is
therefore ideally suited for mobile phone and other low voltage applications where minimal power
consumption, PCB area and cost are primary requirements.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
2
Introduction
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com