Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4935RL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4935RL/NOPB
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4935RL/NOPB Datasheet HTML 3Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 4Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 5Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 6Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 7Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 8Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 9Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 10Page - Texas Instruments LM4935RL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296E – OCTOBER 2005 – REVISED MAY 2013
Table 2-1. PIN DESCRIPTIONS (continued)
Pin
Pin Name
Type
Direction
Description
G4
CPO_POS
Analog
Output
Cell Phone analog output positive
G5
AUX_OUT_POS
Analog
Output
Auxiliary analog output positive
G6
D_VSS
Supply
Input
Digital VSS
G7
MCLK
Digital
Input
Input clock from 0.5 MHz to 30 MHz
2.4
PIN TYPE DEFINITIONS
Analog Input— A pin that is used by the analog and is never driven by the device. Supplies are part of
this classification.
Analog Output— A pin that is driven by the device and should not be driven by external sources.
Analog Inout— A pin that is typically used for filtering a DC signal within the device, Passive components
can be connected to these pins.
Digital Input— A pin that is used by the digital but is never driven.
Digital Output— A pin that is driven by the device and should not be driven by another device to avoid
contention.
Digital Inout— A pin that is either open drain (I2C_SDA) or a bidirectional CMOS in/out. In the later case
the direction is selected by a control register within the LM4935.
Copyright © 2005–2013, Texas Instruments Incorporated
Device Information
7
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com