Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM49321RL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM49321RL/NOPB
Description  Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49321RL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM49321RL/NOPB Datasheet HTML 1Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 2Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 3Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 4Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 5Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 6Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 7Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 8Page - Texas Instruments LM49321RL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
6
5
4
3
2
1
A
B
C
D
E
F
+
Volume
DIFF-
I
2
S_CLK
I
2
S_SDI
I
2
S_WS
Volume
-
PLL
I
2
C/SPI
Interface
-56 dB to +5 dB
Volume
Volume
Volume
Mixer
and
Output
Mode
Select
DAC
Gain
-3 dB to 6 dB
-12 dB to +9 dB
I
2
C_VDD
SCL/SCK
ADDR/ENB
MODE
STEREO
DAC
MCLK
PLL_IN
PLL_OUT
DIFF+
LIN
RIN
LS+
LS-
-56 dB to +5 dB
-56 dB to +5 dB
-56 dB to +5 dB
LHP
RHP
CHP
EP+
EP-
PLL_VDD
Analog Power and Bias
Digital Power
Ci
Ci
0.22 µF
0.22 µF
Ci
0.22 µF
Ci
0.22 µF
+
CS
1 PF
AVDD
+
CS
0.1 PF
AGND
DGND
+
CS
1 PF
DVDD
+
CS
0.1 PF
+
CS
1 PF
I/O_VDD
+
CS
0.1 PF
+
CB
2.2 PF
BYPASS
Audio
Differential
Input
Audio
Single-Ended
Inputs
Volume
-6 dB to +15 dB
Volume
-6 dB to +15 dB
Speaker
AMP
HP
AMP
Mono
Earpiece
(Receiver)
220 PF
220 PF
PLL_GND
I
2
S_SDATA
LM49321, LM49321RLEVAL
www.ti.com
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
Figure 2. Typical Audio Amplifier Subsystem Application Circuit with Cap-Coupled Single-Ended (SE)
Headphone Configuration
Connection Diagram
Top View (Bump Side Down)
Figure 3. 36 - Bump DSBGA Package
See Package Number YPG0036LVA
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM49321 LM49321RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com