Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4140 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4140
Description  High Precision Low Noise Low Dropout Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4140 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4140 Datasheet HTML 1Page - National Semiconductor (TI) LM4140 Datasheet HTML 2Page - National Semiconductor (TI) LM4140 Datasheet HTML 3Page - National Semiconductor (TI) LM4140 Datasheet HTML 4Page - National Semiconductor (TI) LM4140 Datasheet HTML 5Page - National Semiconductor (TI) LM4140 Datasheet HTML 6Page - National Semiconductor (TI) LM4140 Datasheet HTML 7Page - National Semiconductor (TI) LM4140 Datasheet HTML 8Page - National Semiconductor (TI) LM4140 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4140
High Precision Low Noise Low Dropout Voltage
Reference
General Description
The LM4140 series of precision references are designed to
combine high accuracy, low drift and noise with low power
dissipation in a small package.
The LM4140 is the industry’s first reference with output volt-
age options lower than the bandgap voltage.
The key to the advance performance of the LM4140 is the
use of EEPROM registers and CMOS DACs for temperature
coefficient curvature correction and trimming of the output
voltage accuracy of the device during the final production
testing.
The major advantage of this method is the much higher reso-
lution available with DACs than is available economically
with most methods utilized by other bandgap references.
The low input and dropout voltage, low supply current and
output drive capability of the LM4140 makes this product an
ideal choice for battery powered and portable applications.
The LM4140 is available in three grades (A, B, C) with 0.1%
initial accuracy and 3, 6 and 10 ppm/˚C temperature coeffi-
cients. For even lower Tempco, contact National Semicon-
ductor.
The device performance is specified over the temperature
range (0˚C to +70˚C) and is available in compact 8-pin SO
package.
For other output voltage options from 0.5V to 4.5V, con-
tact National Semiconductor.
Features
n
High initial accuracy: 0.1%
n
Ultra low noise
n
Low Temperature Coefficient: 3 ppm/˚C (A grade)
n
Low voltage operation: 1.8V
n
SO-8 package
n
Low dropout voltage: 20 mV (typ) @ 1mA
n
Supply Current: 230 µA (typ),
≤ 1 µA disable mode
n
Enable pin
n
Output voltage options: 1.024V, 1.250V, 2.048V, 2.500V,
and 4.096V
n
Custom voltages from 0.5V to 4.5V
n
Temperature range (0˚C to 70˚C)
Applications Summary
n
Portable, battery powered equipment
n
Instrumentation and test equipment
n
Automotive
n
Industrial process control
n
Data acquisition systems
n
Medical equipment
n
Precision scales
n
Servo systems
n
Battery charging
Typical Application
DS101079-1
COUT, Output bypass capacitor. See text for selection detail.
Typical Temperature Coefficient
(Sample of 5 Parts)
DS101079-23
Refer to the Ordering Information Table in this Data Sheet for Specific Part
Number
July 2000
© 2000 National Semiconductor Corporation
DS101079
www.national.com


Similar Part No. - LM4140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
878Kb / 15P
High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140 TI-LM4140 Datasheet
1Mb / 23P
High Precision Low Noise Low Dropout Voltage Reference
LM4140 TI2-LM4140 Datasheet
1Mb / 34P
LM4140 High Precision Low Noise Low Dropout Voltage Reference
REVISED SEPTEMBER 2016
logo
National Semiconductor ...
LM4140AC-4.1 NSC-LM4140AC-4.1 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4140ACM-1.0 NSC-LM4140ACM-1.0 Datasheet
878Kb / 15P
High Precision Low Noise Low Dropout Voltage
More results

Similar Description - LM4140

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
Ultra Low Noise Low Dropout Voltage Regulator
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
High Precision Low Noise Low Dropout Voltage
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
Dual Low-Noise, Low-Dropout Voltage Regulator
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070 Datasheet
2Mb / 24P
Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
High Precision Low Noise Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
Precision Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
Low-Noise, High-Precision Series Voltage References
2020
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com