Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4140 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4140
Description  High Precision Low Noise Low Dropout Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4140 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4140 Datasheet HTML 6Page - National Semiconductor (TI) LM4140 Datasheet HTML 7Page - National Semiconductor (TI) LM4140 Datasheet HTML 8Page - National Semiconductor (TI) LM4140 Datasheet HTML 9Page - National Semiconductor (TI) LM4140 Datasheet HTML 10Page - National Semiconductor (TI) LM4140 Datasheet HTML 11Page - National Semiconductor (TI) LM4140 Datasheet HTML 12Page - National Semiconductor (TI) LM4140 Datasheet HTML 13Page - National Semiconductor (TI) LM4140 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Hints (Continued)
However, they sometimes have an ESR values lower than
the minimum required by the LM4140, and relatively large
capacitance change with temperature. The manufacturer’s
datasheet for the capacitor should be consulted before se-
lecting a value. Test results of LM4140 stability using multi-
layer ceramic capacitors show that a minimum of 0.2µF is
usually needed.
Multilayer ceramic capacitors that have been verified as suit-
able for use with the LM4140 are shown in
Table 2.
TABLE 2. Surface-Mount Ceramic Capacitors Selection
Guide
2.2µF Surface-Mount Ceramic
Manufacturer
Part Number
Tokin
1E225ZY5U-C203
Murata
GRM42-6Y5V225Z16
4.7µF Surface-Mount Ceramic
Tokin
1E475ZY5U-C304
Reverse Current Path
The P-channel Pass transistor used in the LM4140 has an
inherent diode connected between the V
IN and VREF pins
(see diagram below).
Forcing the output to voltages higher than the input, or pull-
ing V
IN below voltage stored on the output capacitor by more
than a V
be, will forward bias this diode and current will flow
from the V
REF terminal to VIN. No damage to the LM4140 will
occur under these conditions as long as the current flowing
into the output pin does not exceed 50mA.
ON/OFF Operation
The LM4140 is designed to quickly reduce both V
REF and IQ
to zero when turned-off. V
REF is restored in less than 200µs
when turned-on. During the turn-off, the charge across the
output capacitor is discharged to ground through internal cir-
cuitry.
The LM4140 is turned-off by pulling the enable input low, and
turned-on by driving the input high. If this feature is not to be
used, the enable pin should be tied to the V
IN to keep the ref-
erence on at all times (the enable pin must not be left float-
ing).
To ensure proper operation, the signal source used to drive
the enable pin must be able to swing above and below the
specified high and low voltage thresholds which guarantee
an ON or OFF state (see Electrical Characteristics).
The ON/OFF signal may come from either a totem-pole out-
put, or an open-collector output with pull-up resistor to the
LM4140 input voltage. This high-level voltage may exceed
the LM4140 input voltage, but must remain within the Abso-
lute Maximum Rating for the enable pin.
Output Accuracy
Like all references, either series or shunt, the after assembly
accuracy is made up of primarily three components: initial
accuracy itself, thermal hysteresis and effects of the PCB as-
sembly stress.
LM4140 provides an excellent output initial accuracy of 0.1%
and temperature coefficient of 6ppm/˚C (B Grade).
For best accuracy and precision, the LM4140 junction tem-
perature should not exceed 70˚C.
The thermal hysteresis curve on this datasheet are perfor-
mance characteristics of three typical parts selected at ran-
dom from a sample of 40 parts.
Parts are mounted in a socket to minimize the effect of
PCB’s mechnical expansion and contraction. Readings are
taken at 25˚C following multiple temperature cycles to 0˚C
and 70˚C. The labels on the X axis of the graph indicates the
device temperature cycle prior to measurement at 25˚C.
The mechanical stress due to the PCB’s mechanical and
thermal stress can cause an output voltage shift more than
the true thermal coefficient of the device. References in sur-
face mount packages are more susceptible to these stresses
because of the small amount of plastic molding which sup-
port the leads.
Following the recommendations on PCB Layout Consider-
ation section can minimize the mechanical stress on the de-
vice.
PCB Layout Consideration
The simplest ways to reduce the stress related shifts are:
1.
Mounting the device near the edges or the corners of the
board where mechanical stress is at its minimum. The
center of the board generally has the highest mechani-
cal and thermal expansion stress.
2.
Mechanical isolation of the device by creating an island
by cutting a U shape slot on the PCB for mounting the
device. This approach would also provide some thermal
isolation from the rest of the circuit.
Figure 5 is a recommended printed board layout with a slot
cut on three sides of the circuit layout to serve as a strain
relief.
DS101079-3
DS101079-33
FIGURE 4. Typical Thermal Hysteresis
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com