Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS996 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS996
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS996 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54ALS996 Datasheet HTML 3Page - Texas Instruments SN54ALS996 Datasheet HTML 4Page - Texas Instruments SN54ALS996 Datasheet HTML 5Page - Texas Instruments SN54ALS996 Datasheet HTML 6Page - Texas Instruments SN54ALS996 Datasheet HTML 7Page - Texas Instruments SN54ALS996 Datasheet HTML 8Page - Texas Instruments SN54ALS996 Datasheet HTML 9Page - Texas Instruments SN54ALS996 Datasheet HTML 10Page - Texas Instruments SN54ALS996 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN54ALS996, SN74ALS996
8BIT DTYPE EDGETRIGGERED READBACK LATCHES
SDAS098B − OCTOBER 1984 − REVISED JANUARY 1995
2−7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT FOR Q OUTPUTS
From Output
Under Test
Test
Point
500
Ω
S1
CL
(see Note A)
7 V
500
Ω
LOAD CIRCUIT FOR D OUTPUTS
From Output
Under Test
Test
Point
1 k
Ω
S1
CL
(see Note A)
7 V
1 k
Ω
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
1.3 V
1.3 V
tPHZ
tPLZ
0.3 V
tPZL
tPZH
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
0.3 V
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note C)
Waveform 2
S1 Open
(see Note C)
[0 V
VOH
VOL
[3.5 V
0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
tPHL
tPLH
tPLH
tPHL
Input
Out-of-Phase
Output
(see Note B)
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
0.3 V
VOL
VOH
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
NOTES: A. CL includes probe and jig capacitance.
B. When measuring propagation delay times of 3-state outputs, switch S1 is open.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
Figure 1. Load Circuits and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com