Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5160APWPR Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5160APWPR
Description  Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5160APWPR Datasheet(HTML) 5 Page - Texas Instruments

  LM5160APWPR Datasheet HTML 1Page - Texas Instruments LM5160APWPR Datasheet HTML 2Page - Texas Instruments LM5160APWPR Datasheet HTML 3Page - Texas Instruments LM5160APWPR Datasheet HTML 4Page - Texas Instruments LM5160APWPR Datasheet HTML 5Page - Texas Instruments LM5160APWPR Datasheet HTML 6Page - Texas Instruments LM5160APWPR Datasheet HTML 7Page - Texas Instruments LM5160APWPR Datasheet HTML 8Page - Texas Instruments LM5160APWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LM5160A, LM5160
www.ti.com
SNVSA03C – OCTOBER 2014 – REVISED AUGUST 2016
Product Folder Links: LM5160A LM5160
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For detailed information on soldering plastic SO PowerPAD package, refer to the SNOA549 available from Texas Instruments. Maximum
solder time not to exceed 4 seconds.
(4)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
Input voltage
VIN to AGND
–0.3
70
V
EN/UVLO to AGND
–0.3
70
RON to AGND
–0.3
70
BST to AGND
–0.3
84
VCC to AGND
–0.3
14
FPWM to AGND
–0.3
14
SS to AGND
–0.3
7
FB to AGND
–0.3
7
Output voltage
BST to SW
–0.3
14
V
BST to VCC
70
SW to AGND
–1.5
70
SW to AGND (20 ns transient)
–3
Lead temperature(3)
200
°C
Maximum junction temperature(4)
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings: LM5160A, LM5160
VALUE
UNIT
V(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±750
V
(1)
Recommended Operating Ratings are conditions under the device is intended to be functional. For specifications and test conditions,
see Electrical Characteristics
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.3 Recommended Operating Conditions
(1)
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN input voltage
4.5
65
V
IO output current
2
A
External VCC bias voltage (LM5160A only)
9
13
V
Operating junction temperature(2) (LM5160 and LM5160A)
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com