Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5160APWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5160APWPR
Description  Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5160APWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5160APWPR Datasheet HTML 2Page - Texas Instruments LM5160APWPR Datasheet HTML 3Page - Texas Instruments LM5160APWPR Datasheet HTML 4Page - Texas Instruments LM5160APWPR Datasheet HTML 5Page - Texas Instruments LM5160APWPR Datasheet HTML 6Page - Texas Instruments LM5160APWPR Datasheet HTML 7Page - Texas Instruments LM5160APWPR Datasheet HTML 8Page - Texas Instruments LM5160APWPR Datasheet HTML 9Page - Texas Instruments LM5160APWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LM5160A, LM5160
SNVSA03C – OCTOBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LM5160A LM5160
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
6.4 Thermal Information
(1)
THERMAL METRIC
LM5160, LM5160A
UNIT
DNT (WSON)
12 PINS
RθJA
Junction-to-ambient thermal resistance(1)
33.4
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance (1)
1.9
°C/W
ψJB
Junction-to-board thermal characteristic parameter
11.3
°C/W
RθJB
Junction-to-board thermal resistance
11.1
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
24.7
°C/W
ψJT
Junction-to-top thermal characteristic parameter
0.2
°C/W
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = –40°C to 125°C
(1)(2) for the LM5160,
LM5160A . Unless otherwise stated, VIN = 24 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISD
Input shutdown current
VIN = 24 V, EN/UVLO = 0 V
50
90.7
µA
IOP
Input operating current
VIN = 24 V, FB = 3 V, non-switching
2.3
2.84
mA
VCC SUPPLY
VCC
Bias regulator output
VIN = 24 V, ICC = 20 mA
6.47
7.5
8.52
V
VCC
Bias regulator current limit
VIN = 24 V
30
mA
VCC(UV)
VCC undervoltage threshold
VCC rising
3.98
4.1
V
VCC(HYS)
VCC undervoltage hysteresis
VCC falling
185
mV
VCC(LDO)
VIN – VCC dropout voltage
VIN = 4.5 V, ICC = 20 mA
165
260
mV
HIGH-SIDE FET
RDS(ON)
High-side ON-resistance
V(BST - SW) = 7 V, ISW = 1 A
0.29
Ω
BST(UV)
Bootstrap gate drive UV
V(BST - SW) rising
2.93
3.6
V
BST(HYS)
Gate drive UV hysteresis
V(BST - SW) falling
200
mV
LOW-SIDE FET
RDS(ON)
Low-side ON-resistance
ISW = 1 A
0.13
Ω
HIGH-SIDE CURRENT LIMIT
ILIM (HS)
High-side current limit threshold
2.125
2.5
2.875
A
TRES
Current limit response time
ILIM (HS) threshold detect to FET turnoff
100
ns
TOFF1
Current limit forced OFF-time
FB = 0 V, VIN = 65 V
17.31
29
39.8
µs
TOFF2
Current limit forced OFF-time
FB = 1 V, VIN = 24 V
2.18
3.5
5.12
µs
LOW-SIDE CURRENT LIMIT
ISOURCE(LS)
Sourcing current limit
1.9
2.5
3
A
ISINK(LS)
Sinking current limit
5.4
A
DIODE EMULATION
VFPWM(LOW)
FPWM input logic low
VIN = 24 V
1
V
VFPWM(HIGH)
FPWM input logic high
VIN = 24 V
3
V
IZX
Zero cross detect current
FPWM = 0 (diode emulation)
0
mA
REGULATION COMPARATOR
VREF
FB regulation level
VIN = 24 V (12-pin WSON)
1.977
2
2.017
V
I(Bias)
FB input bias current
VIN = 24 V
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com