Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB5052 Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB5052
Description  USB TO 2-SERIAL PORT CONTROLLER WITH CONFIGURABLE OPTIONAL HUB
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 14Page - Texas Instruments TUSB5052 Datasheet HTML 15Page - Texas Instruments TUSB5052 Datasheet HTML 16Page - Texas Instruments TUSB5052 Datasheet HTML 17Page - Texas Instruments TUSB5052 Datasheet HTML 18Page - Texas Instruments TUSB5052 Datasheet HTML 19Page - Texas Instruments TUSB5052 Datasheet HTML 20Page - Texas Instruments TUSB5052 Datasheet HTML 21Page - Texas Instruments TUSB5052 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
3−6
3.3
Setting the TRST and TEST[2:0] Pins for Various Applications
Various combinations of the TRST and TEST[2:0] pins must be grounded to enable the following operational modes.
6-MHz operation. This is the normal operational mode. A 6-MHz crystal is required. To enable this mode,
TRST and TEST[2:0] are tied high.
48-MHz operation. This mode bypasses the internal APLL. A 48-MHz external oscillator or clock source is
required. To enable this mode, TEST[2:0] must be grounded. TRST must be tied high.
Bypassing the internal hub. In this mode, downstream port 1 to port 5 is disabled. Port 6 (function) is logically
connected directly to the upstream port. To enable this mode, TEST1 and TEST0 must be grounded. The
TRST and TEST2 pins must be tied high. A 6-MHz crystal is required in this mode.
For 6-MHz operation, the TUSB5052 requires a 6-MHz crystal to be connected across the XTAL1 and XTAL2 pins.
Internal APLL circuitry generates a 48-MHz internal clock to sample the data from the upstream port. For 48-MHz
operation, the device accepts a 48-MHz clock on the XTAL1 input, and the XTAL2 input should be left unconnected.
A crystal cannot be used in this case. If low-power suspend and resume are desired, a 6-MHz crystal/resonator must
be used, unless there is a way to stop the 48-MHz clock source. If the 48-MHz clock is stopped in suspend mode,
it has to be turned on in the event of a remote wake-up in order for the device to pass the resume signal upstream.
If an oscillator is used by connecting its output to the XTAL1 pin and leaving the XTAL2 pin open, its TTL output level
cannot exceed 3.6 V. Figure 3−4 shows a sample crystal circuit.
XTAL1
XTAL2
NOTE: Figure 3−4 assumes a 6-MHz fundamental crystal that is parallel-loaded. The component values of C1, C2 and Rd were determined
using a crystal from Fox Electronics—part number HC49U−6.00MHz30\50\0
±70\20—which means ±30 ppm at 25°C and 50 ppm from
0
°C to 70°C. The characteristics for the crystal are load capacitance (CL) of 20 pF, maximum shunt capacitance (Co) of 7 pF and a
maximum ESR of 50
Ω. If the load capacitance is lower, then the maximum ESR can be higher. For example, if CL = 15 pF and Co =
7 pF, then a maximum ESR of 100
Ω will still work. In order to ensure enough negative resistance, use C1 = C2 = 2
CL − 5 pF stray
capacitance. The resistor Rd is used to trim the gain, and Rd = 2.2 kΩ is recommended.
Rd
C2
C1
CL
Figure 3−4. Crystal Circuit
3.4
Pin State in Suspend Mode
In suspend mode, the following pins become high-impedance:
DP/DM—USB data bus
When going into suspend mode, the following pins remain in their pre-suspended state:
P1—8051 GPIO
P3—8051 GPIO
LED-1 to LED-4—Hub downstream port status
GPIO[7:0], GPO1, GPO2, and GPO3—general-purpose inputs and outputs
DTR, RTS, SOUT—UART outputs
SDA, SCL—I2C
CLKO—Clock output
RSTO—Reset output
PUR—Pullup resistor connection
PWRO—Power on/off control signal
All the input pins must be pulled to either high or low to prevent the bus line from oscillating.
The output of the SUSP pin relative to other conditions of the device is listed in Table 3−5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com