Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC540APWLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC540APWLE
Description  Octal Buffers/Drivers with 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC540APWLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC540APWLE Datasheet HTML 1Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 2Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 3Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 4Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 5Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OE1
OE2
To Seven Other Channels
A1
Y1
1
19
2
18
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54LVC540A, SN74LVC540A
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
SNx4LVC540A Octal Buffers/Drivers with 3-State Outputs
1 Features
2 Applications
1
•
Operate From 1.65 V to 3.6 V
•
Handset: Smartphone
•
Inputs Accept Voltages to 5.5 V
•
Network Switch
•
Max tpd of 5.3 ns at 3.3 V
•
Health and Fitness; Wearables
•
Typical VOLP (Output Ground Bounce)
3 Description
< 0.8 V at VCC = 3.3 V, TA = 25°C
The SN54LVC540A octal buffer/driver is designed for
•
Typical VOHV (Output VOH Undershoot)
2.7-V to 3.6-V VCC operation, and the SN74LVC540A
> 2 V at VCC = 3.3 V, TA = 25°C
octal buffer/driver is designed for 1.65-V to 3.6-V VCC
•
Support Mixed-Mode Signal Operation on All
operation.
Ports (5-V Input/Output Voltage With 3.3-V VCC)
Device Information(1)
•
Ioff Supports Live Insertion, Partial Power Down
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Mode, and Back Drive Protection
SIOC (20)
12.80 mm × 7.50 mm
•
Latch-Up Performance Exceeds 250 mA Per
SO (20)
12.60 mm × 5.30 mm
JESD 17
SN74LVC540A
SSOP (20)
7.50 mm × 5.30 mm
•
ESD Protection Exceeds JESD 22
TVSOP (20)
5.00 mm × 4.40 mm
–
2000-V Human-Body Model (A114-A)
TSSOP (20)
6.50 mm × 4.40 mm
–
1000-V Charged-Device Model (C101)
(1) For all available packages, see the orderable addendum at
•
On Products Compliant to MIL-PRF-38535,
the end of the data sheet.
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC540APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC540APWLE TI-SN74LVC540APWLE Datasheet
451Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC540APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com