Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC540APWLE Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC540APWLE
Description  Octal Buffers/Drivers with 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC540APWLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC540APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 9Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 10Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 11Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 12Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 13Page - Texas Instruments SN74LVC540APWLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
OE1
V
CC
GND
A1
A8
Y1
Y8
Regulated 3.6 V
uC or
System Logic
uC
System Logic
LEDs
OE2
SN54LVC540A, SN74LVC540A
SCAS297N – JANUARY 1993 – REVISED JUNE 2014
www.ti.com
10 Application and Implementation
10.1 Application Information
The SN74LVC540A is a high drive CMOS device that can be used for a multitude of bus interface type
applications where the data needs to be retained or latched . It can produce 24 mA of drive current at 3.3 V
making it ideal for driving multiple outputs and good for high speed applications up to 100 MHz. The inputs are
5.5 V tolerant allowing it to translate down to VCC.
10.2 Typical Application
Figure 5. Typical Application Diagram
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
–
Load currents should not exceed 25 mA per output and 50 mA total for the part.
–
Outputs should not be pulled above VCC.
10
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN54LVC540A SN74LVC540A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com