Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G17DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G17DBVT
Description  SN74LVC2G17 Dual Schmitt-Trigger Buffer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G17DBVT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G17DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SN74LVC2G17
SCES381N – JANUARY 2002 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 8
9.1
Overview ................................................................... 8
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 8
3
Description ............................................................. 1
9.3
Feature Description................................................... 8
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes.......................................... 8
5
Revision History..................................................... 2
10
Application and Implementation.......................... 9
6
Pin Configuration and Functions ......................... 3
10.1
Application Information .......................................... 9
7
Specifications......................................................... 4
10.2
Typical Power Button Circuit .................................. 9
7.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 10
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 10
7.3
Recommended Operating Conditions ....................... 4
12.1
Layout Guidelines ................................................. 10
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 11
7.5
Electrical Characteristics .......................................... 5
13
Device and Documentation Support ................. 12
7.6
Switching Characteristics, –40°C to 85°C ................ 6
13.1
Trademarks ........................................................... 12
7.7
Switching Characteristics, –40°C to 125°C .............. 6
13.2
Electrostatic Discharge Caution ............................ 12
7.8
Operating Characteristics.......................................... 6
13.3
Glossary ................................................................ 12
7.9
Typical Characteristics .............................................. 6
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 7
Information ........................................................... 12
5 Revision History
Changes from Revision M (November 2013) to Revision N
Page
•
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision L (September 2013) to Revision M
Page
•
Updated document formatting. ............................................................................................................................................... 1
•
Changed MAX operating temperature to 125°C in Recommended Operating Conditions table. ......................................... 4
Changes from Revision K (July 2012) to Revision L
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Added ESD warning. ............................................................................................................................................................ 12
Changes from Revision J (June 2012) to Revision K
Page
•
Updated pin out graphic. ........................................................................................................................................................ 3
2
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com