Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G17DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G17DBVT
Description  SN74LVC2G17 Dual Schmitt-Trigger Buffer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G17DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G17DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC2G17DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1A
1Y
1
6
2A2
Y
3
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC2G17
SCES381N – JANUARY 2002 – REVISED JANUARY 2015
SN74LVC2G17 Dual Schmitt-Trigger Buffer
1 Features
3 Description
This dual Schmitt-Trigger buffer is designed for 1.65-
1
•
Schmitt-Trigger inputs provide hysteresis
V to 5.5-V VCC operation.
•
Available in the Texas Instruments
The SN74LVC2G17 device contains two buffers and
NanoFree™ Package
performs the Boolean function Y = A. The device
•
Supports 5-V VCC Operation
functions as two independent buffers, but because of
•
Inputs Accept Voltages to 5.5 V
Schmitt action, it may have different input threshold
•
Max tpd of 5.4 ns at 3.3 V
levels for positive-going (VT+) and negative-going
(VT–) signals.
•
Low Power Consumption, 10-
μA Max ICC
NanoFree™
package
technology
is
a
major
•
±24-mA Output Drive at 3.3 V
breakthrough in IC packaging concepts, using the die
•
Typical VOLP (Output Ground Bounce)
as the package.
< 0.8 V at VCC = 3.3 V, TA = 25°C
This device is fully specified for partial-power-down
•
Typical VOHV (Output VOH Undershoot)
applications using Ioff. The Ioff circuitry disables the
> 2 V at VCC = 3.3 V, TA = 25°C
outputs,
preventing
damaging
current
backflow
•
Ioff Supports Live Insertion, Partial-Power-Down
through the device when it is powered down.
Mode Operation and Back-Drive Protection
•
Latch-Up Performance Exceeds 100 mA
Device Information(1)
Per JESD 78, Class II
PART NUMBER
PACKAGE (PIN)
BODY SIZE
•
ESD Protection Exceeds JESD 22
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (6)
2.00 mm × 1.25 mm
–
2000-V Human-Body Model
SN74LVC2G17
SON (6)
1.45 mm × 1.00 mm
–
1000-V Charged-Device Model
SON (6)
1.00 mm × 1.00 mm
2 Applications
DSBGA (6)
1.41 mm × 0.91 mm
•
AV Receivers
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Audio Docks: Portable
•
Blu-ray Players and Home Theater
•
MP3 Players/Recorders
•
Personal Digital Assistants (PDAs)
•
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
•
Solid State Drives (SSDs): Client and Enterprise
•
TVs: LCD/Digital and High-Definition (HDTVs)
•
Tablets: Enterprise
•
Video Analytics: Server
•
Wireless Headsets, Keyboards, and Mice
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC2G17DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17DBVT TI-SN74LVC2G17DBVT Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17DBVT TI-SN74LVC2G17DBVT Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17DBVT TI-SN74LVC2G17DBVT Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17DBVT TI2-SN74LVC2G17DBVT Datasheet
1Mb / 34P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
REVISED JANUARY 2015
SN74LVC2G17DBVT.B TI2-SN74LVC2G17DBVT.B Datasheet
1Mb / 34P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
REVISED JANUARY 2015
More results

Similar Description - SN74LVC2G17DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
DUAL SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17_10 Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
DUAL SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
DUAL SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com