Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M39006/09 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # M39006/09
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/09 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button M39006/09 Datasheet HTML 8Page - Vishay Siliconix M39006/09 Datasheet HTML 9Page - Vishay Siliconix M39006/09 Datasheet HTML 10Page - Vishay Siliconix M39006/09 Datasheet HTML 11Page - Vishay Siliconix M39006/09 Datasheet HTML 12Page - Vishay Siliconix M39006/09 Datasheet HTML 13Page - Vishay Siliconix M39006/09 Datasheet HTML 14Page - Vishay Siliconix M39006/09 Datasheet HTML 15Page - Vishay Siliconix M39006/09 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.vishay.com
21
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
60 WVDC at + 85
°C . . . 40 WVDC at + 125°C
STANDARD/EXTENDED RATINGS: CLR79, M39006/22-XXXX
Max. CAPACITANCE
CHANGE (%) at
Max.**
RIPPLE
CURRENT
at + 85
°C
40kHz
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA) at
PART NO. M39006/22-*
FAILURE RATE LEVEL
(%/1000 HR)
R
0.01
M
1.0
P
0.1
9.0
9.0
12.0
12.0
12.0
16.0
16.0
16.0
32.0
32.0
10
5
20
10
5
20
10
5
20
10
0151
0152
0153
0154
0155
0156
0157
0158
0159
0160
0371
0372
0373
0374
0375
0376
0377
0378
0379
0380
0591
0592
0593
0594
0595
0596
0597
0598
0599
0600
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
8.0
8.0
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
1110
1110
1330
1330
1330
1365
1365
1365
1850
1850
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 20
+ 20
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 20
+ 20
- 28
- 28
- 16
- 16
- 16
- 32
- 32
- 32
- 40
- 40
10
10
10
10
10
13
13
13
16
16
90
90
50
50
50
50
50
50
28
28
39.0
39.0
50.0
50.0
50.0
68.0
68.0
68.0
140.0
140.0
75 WVDC at + 85
°C . . . 50 WVDC at + 125°C
3.5
3.5
3.5
6.8
6.8
6.8
15.0
15.0
15.0
33.0
33.0
33.0
40.0
40.0
40.0
56.0
56.0
56.0
110.0
110.0
650
650
650
300
300
300
150
150
150
90
90
90
60
60
60
60
60
60
29
29
525
525
525
610
610
610
890
890
890
1000
1000
1000
1250
1250
1250
1335
1335
1335
1850
1850
+ 6
+ 6
+ 6
+ 9
+ 9
+ 9
+ 9
+ 9
+ 9
+ 15
+ 15
+ 15
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 20
+ 20
- 16
- 16
- 16
- 20
- 20
- 20
- 16
- 16
- 16
- 24
- 24
- 24
- 16
- 16
- 16
- 28
- 28
- 28
- 35
- 35
+ 5
+ 5
+ 5
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 20
+ 20
2.5
2.5
2.5
3.5
3.5
3.5
6
6
6
10
10
10
9
9
9
11
11
11
12
12
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
10.0
10.0
10.0
12.0
12.0
12.0
17.0
17.0
17.0
36.0
36.0
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0601
0602
0603
0604
0605
0606
0607
0608
0609
0610
0611
0612
0613
0614
0615
0616
0617
0618
0619
0620
0161
0162
0163
0164
0165
0166
0167
0168
0169
0170
0171
0172
0173
0174
0175
0176
0177
0178
0179
0180
0381
0382
0383
0384
0385
0386
0387
0388
0389
0390
0391
0392
0393
0394
0395
0396
0397
0398
0399
0400
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
9.0
9.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
** For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current Table.
100 WVDC at + 85
°C . . . 65 WVDC at + 125°C
2.5
2.5
2.5
4.7
4.7
4.7
11.0
11.0
11.0
22.0
22.0
22.0
30.0
30.0
30.0
43.0
43.0
43.0
86.0
86.0
950
950
950
500
500
500
200
200
200
100
100
100
80
80
80
70
70
70
30
30
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 16
- 20
- 20
- 20
- 25
- 25
505
505
505
565
565
565
835
835
835
965
965
965
1240
1240
1240
1335
1335
1335
1800
1800
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
+ 15
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
+ 15
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
4.0
9.0
9.0
9.0
12.0
12.0
12.0
17.0
17.0
17.0
36.0
36.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
9.0
9.0
0401
0402
0403
0404
0405
0406
0407
0408
0409
0410
0411
0412
0413
0414
0415
0416
0417
0418
0419
0420
0621
0622
0623
0624
0625
0626
0627
0628
0629
0630
0631
0632
0633
0634
0635
0636
0637
0638
0639
0640
2
2
2
3
3
3
5
5
5
7.5
7.5
7.5
7
7
7
8.5
8.5
8.5
10
10
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0181
0182
0183
0184
0185
0186
0187
0188
0189
0190
0191
0192
0193
0194
0195
0196
0197
0198
0199
0200
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com