Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M39006/09 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # M39006/09
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/09 Datasheet(HTML) 5 Page - Vishay Siliconix

  M39006/09 Datasheet HTML 1Page - Vishay Siliconix M39006/09 Datasheet HTML 2Page - Vishay Siliconix M39006/09 Datasheet HTML 3Page - Vishay Siliconix M39006/09 Datasheet HTML 4Page - Vishay Siliconix M39006/09 Datasheet HTML 5Page - Vishay Siliconix M39006/09 Datasheet HTML 6Page - Vishay Siliconix M39006/09 Datasheet HTML 7Page - Vishay Siliconix M39006/09 Datasheet HTML 8Page - Vishay Siliconix M39006/09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
14
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
STANDARD/EXTENDED RATINGS: CLR65*, M39006/09-XXXX
Max. CAPACITANCE
CHANGE (%) at
+ 125
°C
+ 85
°C
- 55
°C
R
0.01
M
1.0
CAPACITANCE
(
µF)
CASE
CODE
CAP.
TOL.
(
± %)
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
Max. DCL (
µA)
at
+ 25
°C
PART NO. M39006/09-
FAILURE RATE LEVEL (%/1000 HR)
P
0.1
L
2.0
50 WVDC at + 85
°C . . . 30 WVDC at + 125°C
5.0
5.0
5.0
10.0
10.0
10.0
25.0
25.0
25.0
47.0
47.0
47.0
60.0
60.0
60.0
82.0
82.0
82.0
160.0
160.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
9.0
9.0
9.0
12.0
12.0
12.0
16.0
16.0
16.0
32.0
32.0
3.4
3.4
3.4
6.0
6.0
6.0
11.2
11.2
11.2
21.4
21.4
21.4
13.6
13.6
13.6
24.9
24.9
24.9
25.7
25.7
400
400
400
250
250
250
95
95
95
70
70
70
45
45
45
45
45
45
27
27
- 16
- 16
- 16
- 24
- 24
- 24
- 20
- 20
- 20
- 28
- 28
- 28
- 16
- 16
- 16
- 32
- 32
- 32
- 50
- 50
+ 5
+ 5
+ 5
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 25
+ 25
+ 6
+ 6
+ 6
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 25
+ 25
8109
8110
8111
8112
8113
8114
8115
8116
8117
8118
8119
8120
8121
8122
8123
8124
8125
8126
8127
8128
8314
8315
8316
8317
8318
8319
8320
8321
8322
8323
8324
8325
8326
8327
8328
8329
8330
8331
8332
8333
8519
8520
8521
8522
8523
8524
8525
8526
8527
8528
8529
8530
8531
8532
8533
8534
8535
8536
8537
8538
8724
8725
8726
8727
8728
8729
8730
8731
8732
8733
8734
8735
8736
8737
8738
8739
8740
8741
8742
8743
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
8.0
8.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
3.5
3.5
3.5
6.8
6.8
6.8
15.0
15.0
15.0
33.0
33.0
33.0
40.0
40.0
40.0
56.0
56.0
56.0
110.0
110.0
4.0
4.0
4.0
8.2
8.2
8.2
20.0
20.0
20.0
39.0
39.0
39.0
50.0
50.0
50.0
68.0
68.0
68.0
140.0
140.0
8129
8130
8131
8132
8133
8134
8135
8136
8137
8138
8139
8140
8141
8142
8143
8144
8145
8146
8147
8148
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
8539
8540
8541
8542
8543
8544
8545
8546
8547
8548
8549
8550
8551
8552
8553
8554
8555
8556
8557
8558
8334
8335
8336
8337
8338
8339
8340
8341
8342
8343
8344
8345
8346
8347
8348
8349
8350
8351
8352
8353
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
8.0
8.0
8744
8745
8746
8747
8748
8749
8750
8751
8752
8753
8754
8755
8756
8757
8758
8759
8760
8761
8762
8763
550
550
550
275
275
275
105
105
105
90
90
90
50
50
50
50
50
50
28
28
3.0
3.0
3.0
5.0
5.0
5.0
7.6
7.6
7.6
20.7
20.7
20.7
15.3
15.3
15.3
30.7
30.7
30.7
25.7
25.7
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
9.0
9.0
9.0
12.0
12.0
12.0
16.0
16.0
16.0
32.0
32.0
+ 6
+ 6
+ 6
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 20
+ 20
- 16
- 16
- 16
- 24
- 24
- 24
- 16
- 16
- 16
- 28
- 28
- 28
- 16
- 16
- 16
- 32
- 32
- 32
- 40
- 40
+ 5
+ 5
+ 5
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 20
+ 20
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
8149
8150
8151
8152
8153
8154
8155
8156
8157
8158
8159
8160
8161
8162
8163
8164
8165
8166
8167
8168
8354
8355
8356
8357
8358
8359
8360
8361
8362
8363
8364
8365
8366
8367
8368
8369
8370
8371
8372
8373
8559
8560
8561
8562
8563
8564
8565
8566
8567
8568
8569
8570
8571
8572
8573
8574
8575
8576
8577
8578
8764
8765
8766
8767
8768
8769
8770
8771
8772
8773
8774
8775
8776
8777
8778
8779
8780
8781
8782
8783
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
9.0
9.0
650
650
650
300
300
300
150
150
150
90
90
90
60
60
60
60
60
60
29
29
- 16
- 16
- 16
- 20
- 20
- 20
- 16
- 16
- 16
- 24
- 24
- 24
- 16
- 16
- 16
- 28
- 28
- 28
- 35
- 35
+ 5
+ 5
+ 5
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 20
+ 20
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
10.0
10.0
10.0
12.0
12.0
12.0
17.0
17.0
17.0
36.0
36.0
2.5
2.5
2.5
4.1
4.1
4.1
7.5
7.5
7.4
17.5
17.5
17.5
15.2
15.2
15.2
26.0
26.0
26.0
25.7
25.7
+ 6
+ 6
+ 6
+ 9
+ 9
+ 9
+ 9
+ 9
+ 9
+ 15
+ 15
+ 15
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 20
+ 20
60 WVDC at + 85
°C . . . 40 WVDC at + 125°C
75 WVDC at + 85
°C . . . 50 WVDC at + 125°C
* Style CLR65 is inactive for new military design. For new design use Style CLR79.
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com