Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M39006/21 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # M39006/21
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/21 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button M39006/21 Datasheet HTML 10Page - Vishay Siliconix M39006/21 Datasheet HTML 11Page - Vishay Siliconix M39006/21 Datasheet HTML 12Page - Vishay Siliconix M39006/21 Datasheet HTML 13Page - Vishay Siliconix M39006/21 Datasheet HTML 14Page - Vishay Siliconix M39006/21 Datasheet HTML 15Page - Vishay Siliconix M39006/21 Datasheet HTML 16Page - Vishay Siliconix M39006/21 Datasheet HTML 17Page - Vishay Siliconix M39006/21 Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.vishay.com
23
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
Max. CAPACITANCE
CHANGE (%) at
Max.**
RIPPLE
CURRENT
at + 85
°C
40kHz
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
R
0.01
M
1.0
P
0.1
PART NO. M39006/25-*
FAILURE RATE LEVEL
(%/1000 HR)
STANDARD/EXTENDED RATINGS: CLR81, M39006/25-XXXX
10 WVDC at + 85
°C . . . 7 WVDC at + 125°C
150.0
150.0
560.0
560.0
1200.0
1200.0
1500.0
1500.0
900
900
1450
1450
1850
1850
2300
2300
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
- 55
- 55
- 77
- 77
- 88
- 88
- 88
- 88
54
54
27
27
18
18
15
15
34
34
106
106
137
137
114
114
9.0
9.0
16.0
16.0
20.0
20.0
25.0
25.0
2.0
2.0
3.0
3.0
5.0
5.0
7.0
7.0
T1
T1
T2
T2
T3
T3
T4
T4
20
10
20
10
20
10
20
10
0017
0018
0019
0020
0021
0022
0023
0024
0105
0106
0107
0108
0109
0110
0111
0112
0193
0194
0195
0196
0197
0198
0199
0200
15 WVDC at + 85
°C . . . 10 WVDC at + 125°C
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
** For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current Table.
100.0
100.0
390.0
390.0
820.0
820.0
1000.0
1000.0
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
68.0
68.0
270.0
270.0
560.0
560.0
680.0
680.0
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
56.0
56.0
220.0
220.0
470.0
470.0
560.0
560.0
50 WVDC at + 85
°C . . . 30 WVDC at + 125°C
33.0
33.0
120.0
120.0
270.0
270.0
330.0
330.0
60 WVDC at + 85
°C . . . 40 WVDC at + 125°C
0025
0026
0027
0028
0029
0030
0031
0032
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
30
30
74
74
111
111
92
92
9.0
9.0
16.0
16.0
24.0
24.0
32.0
32.0
2.0
2.0
3.0
3.0
6.0
6.0
8.0
8.0
0201
0202
0203
0204
0205
0206
0207
0208
0113
0114
0115
0116
0117
0118
0119
0120
900
900
1450
1450
1800
1800
2300
2300
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
- 44
- 44
- 66
- 66
- 77
- 77
- 77
- 77
72
72
31
31
22
22
17
17
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
9.0
9.0
16.0
16.0
28.0
28.0
32.0
32.0
22
22
55
55
76
76
63
63
2.0
2.0
3.0
3.0
7.0
7.0
8.0
8.0
0033
0034
0035
0036
0037
0038
0039
0040
0209
0210
0211
0212
0213
0214
0215
0216
0121
0122
0123
0124
0125
0126
0127
0128
850
850
1400
1400
1750
1750
2100
2100
+ 15
+ 15
+ 16
+ 16
+ 25
+ 25
+ 30
+ 30
+ 12
+ 12
+ 13
+ 13
+ 20
+ 20
+ 25
+ 25
- 40
- 40
- 62
- 62
- 72
- 72
- 72
- 72
90
90
33
33
24
24
19
19
20
10
20
10
20
10
20
10
0041
0042
0043
0044
0045
0046
0047
0048
T1
T1
T2
T2
T3
T3
T4
T4
22
22
42
42
64
64
55
55
9.0
9.0
16.0
16.0
32.0
32.0
36.0
36.0
2.0
2.0
3.0
3.0
8.0
8.0
9.0
9.0
0129
0130
0131
0132
0133
0134
0135
0136
0217
0218
0219
0220
0221
0222
0223
0224
800
800
1200
1200
1500
1500
2000
2000
+ 15
+ 15
+ 16
+ 16
+ 25
+ 25
+ 30
+ 30
+ 12
+ 12
+ 13
+ 13
+ 20
+ 20
+ 25
+ 25
- 38
- 38
- 60
- 60
- 65
- 65
- 65
- 65
100
100
36
36
25
25
20
20
T1
T1
T2
T2
T3
T3
T4
T4
0225
0226
0227
0228
0229
0230
0231
0232
0137
0138
0139
0140
0141
0142
0143
0144
20
10
20
10
20
10
20
10
0049
0050
0051
0052
0053
0054
0055
0056
12.3
12.3
22.5
22.5
37
37
38
38
9.0
9.0
24.0
24.0
32.0
32.0
36.0
36.0
- 29
- 29
- 42
- 42
- 46
- 46
- 46
- 46
135
135
49
49
29
29
22
22
2.0
2.0
4.0
4.0
8.0
8.0
9.0
9.0
700
700
1200
1200
1450
1450
1900
1900
+ 10
+ 10
+ 12
+ 12
+ 20
+ 20
+ 25
+ 25
+ 12
+ 12
+ 15
+ 15
+ 25
+ 25
+ 30
+ 30
27.0
27.0
100.0
100.0
220.0
220.0
270.0
270.0
T1
T1
T2
T2
T3
T3
T4
T4
20
10
20
10
20
10
20
10
0057
0058
0059
0060
0061
0062
0063
0064
10.2
10.2
19
19
30
30
27
27
12.0
12.0
20.0
20.0
32.0
32.0
36.0
36.0
3.0
3.0
4.0
4.0
8.0
8.0
9.0
9.0
0145
0146
0147
0148
0149
0150
0151
0152
0233
0234
0235
0236
0237
0238
0239
0240
700
700
1100
1100
1400
1400
1850
1850
+ 12
+ 12
+ 15
+ 15
+ 20
+ 20
+ 25
+ 25
+ 10
+ 10
+ 12
+ 12
+ 16
+ 16
+ 20
+ 20
- 24
- 24
- 36
- 36
- 40
- 40
- 45
- 45
144
144
54
54
29
29
23
23
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com