Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M39006/21 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # M39006/21
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/21 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button M39006/21 Datasheet HTML 11Page - Vishay Siliconix M39006/21 Datasheet HTML 12Page - Vishay Siliconix M39006/21 Datasheet HTML 13Page - Vishay Siliconix M39006/21 Datasheet HTML 14Page - Vishay Siliconix M39006/21 Datasheet HTML 15Page - Vishay Siliconix M39006/21 Datasheet HTML 16Page - Vishay Siliconix M39006/21 Datasheet HTML 17Page - Vishay Siliconix M39006/21 Datasheet HTML 18Page - Vishay Siliconix M39006/21 Datasheet HTML 19Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
24
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
75 WVDC at + 85
°C . . . 50 WVDC at + 125°C
Max. CAPACITANCE
CHANGE (%) at
Max.**
RIPPLE
CURRENT
at + 85
°C
40kHz
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
R
0.01
M
1.0
P
0.1
PART NO. M39006/25-*
FAILURE RATE LEVEL
(%/1000 HR)
STANDARD/EXTENDED RATINGS: CLR81, M39006/25-XXXX
+ 85
°C
+ 125
°C
600
600
1000
1000
1300
1300
1800
1800
157
157
63
63
30
30
24
24
+ 12
+ 12
+ 15
+ 15
+ 20
+ 20
+ 25
+ 25
+ 10
+ 10
+ 12
+ 12
+ 16
+ 16
+ 20
+ 20
- 19
- 19
- 30
- 30
- 35
- 35
- 40
- 40
8.5
8.5
15.2
15.2
24.4
24.4
37.0
37.0
12.0
12.0
24.0
24.0
36.0
36.0
40.0
40.0
20
10
20
10
20
10
20
10
0065
0066
0067
0068
0069
0070
0071
0072
0153
0154
0155
0156
0157
0158
0159
0160
0241
0242
0243
0244
0245
0246
0247
0248
3.0
3.0
4.0
4.0
9.0
9.0
10.0
10.0
T1
T1
T2
T2
T3
T3
T4
T4
22.0
22.0
82.0
82.0
180.0
180.0
220.0
220.0
Notes:
1. At + 125
°C the rated voltage of the capacitors decreases to 66 2/3 percent of the + 85°C rated voltage.
2. The peak of the applied AC ripple voltage plus the applied DC voltage must not exceed the DC voltage rating of the capacitor either
forward or reverse.
3. The ripple current listed represents a rating calculated using a maximum internal temperature rise (
∆T) of + 50°C at 40kHz at + 85°C
ambient with a maximum peak rated voltage of 66 2/3 percent of the + 85
°C peak voltage rating.
4. The maximum allowable internal temperature rise (
∆T) decreases linearly to a calculated + 10°C rise at + 125°C ambient.
5. The internal temperature rise is directly proportional to the equivalent series resistance of the capacitor and equivalent series resistance
increases with decreasing frequency.
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
** For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current Table.
100 WVDC at + 85
°C . . . 65 WVDC at + 125°C
10.0
10.0
39.0
39.0
68.0
68.0
120.0
120.0
125 WVDC at + 85
°C . . . 85 WVDC at + 125°C
6.8
6.8
27.0
27.0
47.0
47.0
82.0
82.0
T1
T1
T2
T2
T3
T3
T4
T4
20
10
20
10
20
10
20
10
0073
0074
0075
0076
0077
0078
0079
0080
0161
0162
0163
0164
0165
0166
0167
0168
12.0
12.0
24.0
24.0
40.0
40.0
48.0
48.0
0249
0250
0251
0252
0253
0254
0255
0256
3.0
3.0
5.0
5.0
10.0
10.0
12.0
12.0
4.5
4.5
10.4
10.4
11.3
11.3
25
25
200
200
80
80
40
40
30
30
+ 10
+ 10
+ 12
+ 12
+ 14
+ 14
+ 15
+ 15
- 17
- 17
- 20
- 20
- 30
- 30
- 35
- 35
+ 12
+ 12
+ 15
+ 15
+ 16
+ 16
+ 17
+ 17
800
800
1300
1300
1600
1600
2000
2000
T1
T1
T2
T2
T3
T3
T4
T4
20
10
20
10
20
10
20
10
0081
0082
0083
0084
0085
0086
0087
0088
0169
0170
0171
0172
0173
0174
0175
0176
300
300
90
90
50
50
32
32
6.0
6.0
7.2
7.2
7.9
7.9
17.4
17.4
12.0
12.0
24.0
24.0
40.0
40.0
48.0
48.0
3.0
3.0
5.0
5.0
10.0
10.0
12.0
12.0
0257
0258
0259
0260
0261
0262
0263
0264
700
700
1200
1200
1500
1500
1900
1900
+ 10
+ 10
+ 12
+ 12
+ 14
+ 14
+ 15
+ 15
+ 12
+ 12
+ 15
+ 15
+ 16
+ 16
+ 17
+ 17
- 14
- 14
- 18
- 18
- 26
- 26
- 30
- 30
FREQUENCY OF
APPLIED RIPPLE
CURRENT
120 Hz
800 Hz
.60
.60
.60
.60
.60
.39
.46
.52
.58
.60
—
—
.35
.44
.46
—
—
—
—
.27
.71
.71
.71
.71
.71
.43
.55
.62
.69
.71
—
—
.42
.52
.55
TEMP
°C
.46
.55
.62
.70
.72
—
—
.42
.52
.55
—
—
—
—
.32
.88
.88
.88
.88
.88
.55
.67
.76
.85
.88
—
—
.52
.64
.68
—
—
—
—
.40
TEMP
°C
TEMP
°C
1.0
1.0
1.0
1.0
1.0
.63
.77
.87
.97
1.0
—
—
.59
.73
.77
—
—
—
—
.45
—
—
—
—
.32
% of
APPLIED
VOLTAGE
AMBIENT
STILL AIR
CLR79, CLR81 RIPPLE CURRENT MULTIPLIERS VS FREQUENCY, TEMPERATURE AND APPLIED PEAK VOLTAGE
TEMP
°C
55
° 85° 105° 125°
TEMP
°C
55
° 85° 105° 125°
1kHz
55
° 85° 105° 125°
10kHz
TEMP
°C
55
° 85° 105° 125°
40kHz
100kHz
55
° 85° 105° 125° 55° 85° 105° 125°
—
—
.65
.80
.85
—
—
—
—
.50
.69
.85
.96
1.07
1.1
1.1
1.1
1.1
1.1
1.1
.72
.72
.72
.72
.72
100%
90%
80%
70%
66 2/3%
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com