Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC125ADE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADE4
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC125ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN74LVC125A
www.ti.com
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Operating
1.65
3.6
1.65
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
0.65 × VCC
0.65 × VCC
High-level
VIH
VCC = 2.3 V to 2.7 V
1.7
1.7
1.7
V
input voltage
VCC = 2.7 V to 3.6 V
2
2
2
VCC = 1.65 V to 1.95 V
0.35 × VCC
0.35 × VCC
0.35 × VCC
Low-level
VIL
VCC = 2.3 V to 2.7 V
0.7
0.7
0.7
V
input voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 1.65 V
–4
–4
–4
VCC = 2.3 V
–8
–8
–8
High-level
IOH
mA
output current
VCC = 2.7 V
–12
–12
–12
VCC = 3 V
–24
–24
–24
VCC = 1.65 V
4
4
4
VCC = 2.3 V
8
8
8
Low-level
IOL
mA
output current
VCC = 2.7 V
12
12
12
VCC = 3 V
24
24
24
Δt/Δv
Input transition rise or fall rate
8
8
8
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7.4 Thermal Information
D(2)
DB(2)
NS(2)
PW(2)
RGY(3)
THERMAL METRIC(1)
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
86
96
76
113
47
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
(3)
The package thermal impedance is calculated in accordance with JESD 51-5.
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC125A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com