Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC125ADE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADE4
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ADE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC125ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 10Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 11Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 12Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 13Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 14Page - Texas Instruments SN74LVC125ADE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
–100
–80
–60
–40
–20
0
20
40
60
–1
–0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = 25°C, VCC = 3 V,
VIH = 3 V, VIL = 0 V,
All Outputs Switching
VOH – V
VOL – V
–20
0
20
40
60
80
100
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA = 25°C, VCC = 3 V,
VIH = 3 V, VIL = 0 V,
All Outputs Switching
SN74LVC125A
www.ti.com
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
Typical Application (continued)
–
Outputs should not be pulled above VCC.
–
Series resistors on the output may be used if the user desires to slow the output edge signal or limit the
output current.
10.2.3 Application Curves
Figure 5. Output Drive Current (IOL)
Figure 6. Output Drive Current (IOH)
vs LOW-level Output Voltage (VOL)
vs HIGH-level Output Voltage (VOH)
11 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1
μF capacitor is recommended. If there are multiple VCC terminals then 0.01 μF or 0.022 μF
capacitors are recommended for each power terminal. It is ok to parallel multiple bypass capacitors to reject
different frequencies of noise. Multiple bypass capacitors may be paralleled to reject different frequencies of
noise. The bypass capacitor should be installed as close to the power terminal as possible for the best results.
12 Layout
12.1 Layout Guidelines
When using multiple bit logic devices, inputs should not float. In many cases, functions or parts of functions of
digital logic devices are unused. Some examples are when only two inputs of a triple-input AND gate are used,
or when only 3 of the 4-buffer gates are used. Such input pins should not be left unconnected because the
undefined voltages at the outside connections result in undefined operational states.
Specified in Figure 7 are rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that should be
applied to any particular unused input depends on the function of the device. Generally they will be tied to GND
or VCC, whichever makes more sense or is more convenient.
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC125A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com