Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244ADBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC244ADBLE
Description  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC244ADBLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC244ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Not to scale
Thermal
Pad
2
1A1
3
2Y4
4
1A2
5
2Y3
6
1A3
7
2Y2
8
1A4
9
2Y1
12
1Y4
13
2A2
14
1Y3
15
2A3
16
1Y2
17
2A4
18
1Y1
19
2OE
Not to scale
Thermal
Pad
1
1A1
2
2Y4
3
1A2
4
2Y3
5
1A3
6
2Y2
11
1Y4
12
2A2
13
1Y3
14
2A3
15
1Y2
16
2A4
1
2
3
4
A
B
C
D
E
Not to scale
1A1
1OE
VCC
2OE
1A2
2A4
2Y4
1Y1
1A3
2Y3
2A3
1Y2
1A4
2A2
2Y2
1Y3
GND
2Y1
2A1
1Y4
Not to scale
1
1OE
20
VCC
2
1A1
19
2OE
3
2Y4
18
1Y1
4
1A2
17
2A4
5
2Y3
16
1Y2
6
1A3
15
2A3
7
2Y2
14
1Y3
8
1A4
13
2A2
9
2Y1
12
1Y4
10
GND
11
2A1
3
SN74LVC244A
www.ti.com
SCAS414AA – NOVEMBER 1992 – REVISED JUNE 2016
Product Folder Links: SN74LVC244A
Submit Documentation Feedback
Copyright © 1992–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
ZQN Package
20-Pin BGA
Top View
DB, DGV, DW, N, NS, and PW Packages
20-Pin SSOP, TVSOP, SOIC, PDIP, SO, and TSSOP
Front View
RGY Package
20-Pin VQFN
Top View
RWP Package
20-Pin X1QFN
Top View
TI recommends to connect the exposed thermal pad to ground for best thermal performance. Must not be connected
to any other pin than ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com