Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9071S/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM9071S/NOPB
Description  Low-Dropout System Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9071S/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM9071S/NOPB Datasheet HTML 1Page - Texas Instruments LM9071S/NOPB Datasheet HTML 2Page - Texas Instruments LM9071S/NOPB Datasheet HTML 3Page - Texas Instruments LM9071S/NOPB Datasheet HTML 4Page - Texas Instruments LM9071S/NOPB Datasheet HTML 5Page - Texas Instruments LM9071S/NOPB Datasheet HTML 6Page - Texas Instruments LM9071S/NOPB Datasheet HTML 7Page - Texas Instruments LM9071S/NOPB Datasheet HTML 8Page - Texas Instruments LM9071S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM9071
SNVS131D – DECEMBER 1999 – REVISED APRIL 2013
www.ti.com
Tab and Backside metal on all packages internally connected to
ground.
Figure 3. 5-Lead TO-220 Package
Figure 4. 5-Lead TO-263 Surface Mount Package
Package Number NDH0005D
Package Number KTT0005B
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
DC Input Voltage
−26V to +40V
Positive Input Transient (t<100 ms)
60V
Negative Input Transient (t<1 ms)
−50V
Reset Output Sink Current
5 mA
Power Dissipation
Internally Limited
Junction Temperature
150°C
ESD Susceptibility (2)
12 kV, 2 kV
Lead Temperature (Soldering, 10 seconds)
260°C
Storage Temperature
−50°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
All pins will survive an ESD impulse of ±2000V using the human body model of 100 pF discharged through a 1.5 k
Ω resistor. In addition
the input voltage pin will withstand ten pulses of ±12 kV from a 150 pF capacitor discharged through a 560
Ω resistor when bypassed
with a 22 nF, 100V capacitor.
Operating Ratings
(1)
Input Voltage
6V to 26V
Ambient Temperature
−40°C to +125°C
TO-220 Thermal Resistance,
θJ-C
3°C/W
TO-220 Thermal Resistance,
θJ-A
(2)
73°C/W
TO-263 Thermal Resistance,
θJ-C
3°C/W
TO-263 Thermal Resistance,
θJ-A
(3)
80°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
Exceeding the Maximum Allowable power dissipation will cause excessive die temperature, and the device will go into thermal
shutdown. The
θJ-A value for the TO-220 package (still air, no additional heat sink) is 73°C/W. The effective θJ-A value of the TO-220
package can be reduced by using conventional heat sink methods.
(3)
Exceeding the Maximum Allowable power dissipation will cause excessive die temperature, and the device will go into thermal
shutdown. The
θJ-A value for the TO-263 package (still air, no additional heat sink) is 80°C/W. The effective θJ-A value of the TO-263
package can be reduced by increasing the printed circuit board area that is connected (soldered) to the package tab. Using 1 ounce (1.4
mils thick) copper clad with no solder mask, an area of 0.5 square inches will reduce
θJ-A to 50°C/W, an area of 1.0 square inches will
reduce
θJ-Ato 37°C/W, ad an area of 1.6 square inches will reduce θJ-A to 32°C/W. If the printed circuit board uses a solder mask, the
copper clad area should be increased by at least 50% to maintain a similar
θJ-A rating.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM9071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com