Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9071S/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM9071S/NOPB
Description  Low-Dropout System Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9071S/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM9071S/NOPB Datasheet HTML 1Page - Texas Instruments LM9071S/NOPB Datasheet HTML 2Page - Texas Instruments LM9071S/NOPB Datasheet HTML 3Page - Texas Instruments LM9071S/NOPB Datasheet HTML 4Page - Texas Instruments LM9071S/NOPB Datasheet HTML 5Page - Texas Instruments LM9071S/NOPB Datasheet HTML 6Page - Texas Instruments LM9071S/NOPB Datasheet HTML 7Page - Texas Instruments LM9071S/NOPB Datasheet HTML 8Page - Texas Instruments LM9071S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM9071
www.ti.com
SNVS131D – DECEMBER 1999 – REVISED APRIL 2013
LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
Check for Samples: LM9071
1
FEATURES
DESCRIPTION
The LM9071 is a 5V, 250 mA low-dropout voltage
2
•
Automotive Application Reliability
regulator. The regulator features an active low
•
3% Output Voltage Tolerance
delayed reset output flag which can be used to reset
•
Insensitive to Radiated RFI
a microprocessor system on turn-ON and in the event
that the regulator output falls out of regulation for any
•
Dropout Voltage Less than 800 mV with 250
reason. An external capacitor programs a delay time
mA Output Current
interval before the reset output can return high.
•
Externally Programmed Reset Delay Interval
Designed for automotive application the LM9071
•
Thermal Shutdown
contains a variety of protection features such as
•
Short Circuit Protection
reverse
battery,
over-voltage
shutdown,
thermal
•
Reverse Battery Protection
shutdown, input transient protection and a wide
operating temperature range.
•
Wide Operating Temperature Range
−40°C to
+125°C
Design techniques have been employed to allow the
regulator to remain operational and not generate false
•
TO-220 and TO-263 Power Surface Mount
reset signals when subjected to high levels of RF
Power Packages
energy (300V/m from 2 MHz to 400 MHz).
•
Pin for Pin Compatible with the LM2927, L4947
and TLE4260
Typical Application and Connection Diagrams
(Top View)
Figure 1.
Figure 2. 5-Lead TO-220 Package
Package Number KC0005A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM9071S/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9071S/NOPB TI2-LM9071S/NOPB Datasheet
539Kb / 16P
LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
REVISED APRIL 2013
LM9071S/NOPB.B TI2-LM9071S/NOPB.B Datasheet
539Kb / 16P
LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
REVISED APRIL 2013
More results

Similar Description - LM9071S/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
LM9072 NSC-LM9072 Datasheet
477Kb / 15P
Dual Tracking Low-Dropout System Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
New Japan Radio
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
LM9070 TI1-LM9070 Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com