Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1024 Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C1024
Description  HIGH SPEED 128K X 8 CMOS STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024 Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

  P4C1024 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024 Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
P4C1024
Page 6 of 14
Document # SRAM124 REV A
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tWC
Write Cycle Time 15
20
25
35
45
55
70
85
100
120
ns
tCW
Chip Enable
Time to End of
Write
12
15
18
22
30
35
45
50
60
75
ns
tAW
Address Valid to
End of Write
12
15
20
25
35
45
60
70
85
100
ns
tAS
Address Set-up
Time
000
00
00
00
0
ns
tWP
Write Pulse
Width
12
15
18
22
25
30
40
45
55
70
ns
tAH
Address Hold
Time
000
00
00
00
0
ns
tDW
Data Valid to
End of Write
7
8
10
15
20
25
30
35
45
60
ns
tDH
Date Hold Time
000
00
00
00
0
ns
tWZ
Write Enable to
Output in High Z
8
101115
1820
2530
4050
ns
tOW
Output Active
from End of
Write
333
33
33
33
3
ns
Symbol
Parameter
-15
-20
-25
-35
-45
Unit
-55
-70
-85
-100
-120
Notes:
11. CE
1 and WE must be LOW, and CE2 HIGH for WRITE cycle.
12. OE is LOW for this WRITE cycle to show t
WZ and tOW.
13. If CE
1 goes HIGH, or CE2 goes LOW, simultaneously with WE HIGH,
the output remains in a high impedance state.
14. Write Cycle Time is measured from the last valid address to the first
transitioning address.
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(11)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com