Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMF100CIWM Datasheet(PDF) 33 Page - Texas Instruments

Part # LMF100CIWM
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM Datasheet(HTML) 33 Page - Texas Instruments

Back Button LMF100CIWM Datasheet HTML 29Page - Texas Instruments LMF100CIWM Datasheet HTML 30Page - Texas Instruments LMF100CIWM Datasheet HTML 31Page - Texas Instruments LMF100CIWM Datasheet HTML 32Page - Texas Instruments LMF100CIWM Datasheet HTML 33Page - Texas Instruments LMF100CIWM Datasheet HTML 34Page - Texas Instruments LMF100CIWM Datasheet HTML 35Page - Texas Instruments LMF100CIWM Datasheet HTML 36Page - Texas Instruments LMF100CIWM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
2
2
o
o
OAP
z
AP
2
2
o
o
s
H
s
Q
H
(s)
s
s
Q
æ
ö
w + w
-
ç
÷
ç
÷
è
ø
=
w
-
+ w
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
12 Device and Documentation Support
12.1 Device Support
12.1.1 Device Nomenclature
12.1.1.1 Definitions of Terms
fCLK: the frequency of the external clock signal applied to pin 10 or 11.
f0: center frequency of the second order function complex pole pair. f0 is measured at the bandpass outputs of
the LMF100, and is the frequency of maximum bandpass gain. (Figure 25).
fnotch: the frequency of minimum (ideally zero) gain at the notch outputs.
fz: the center frequency of the second order complex zero pair, if any. If fz is different from f0 and if Qz is high, it
can be observed as the frequency of a notch at the allpass output. (Figure 46).
Q: “quality factor” of the 2nd order filter. Q is measured at the bandpass outputs of the LMF100 and is equal to f0
divided by the
−3 dB bandwidth of the 2nd order bandpass filter (Figure 25). The value of Q determines the shape
of the 2nd order filter responses as shown in Figure 35.
Qz: the quality factor of the second order complex zero pair, if any. QZ is related to the allpass characteristic,
which is written:
where QZ = Q for an allpass response.
HOLP: the gain (in V/V) of the lowpass output as f → 0 Hz (Figure 27).
HOHP: the gain (in V/V) of the highpass output as f → fCLK/2 (Figure 29).
HON: the gain (in V/V) of the notch output as f → 0 Hz and as f → fCLK/2, when the notch filter has equal gain
above and below the center frequency (Figure 31 ). When the low-frequency gain differs from the high-frequency
gain, as in modes 2 and 3a (Figure 43 and Figure 45), the two quantities below are used in place of HON.
HON1: the gain (in V/V) of the notch output as f → 0 Hz.
HON2: the gain (in V/V) of the notch output as f → fCLK/2.
12.2 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
12.3 Trademarks
LMCMOS, E2E are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com