Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMF100CIWM Datasheet(PDF) 8 Page - Texas Instruments

Part # LMF100CIWM
Description  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMF100CIWM Datasheet HTML 4Page - Texas Instruments LMF100CIWM Datasheet HTML 5Page - Texas Instruments LMF100CIWM Datasheet HTML 6Page - Texas Instruments LMF100CIWM Datasheet HTML 7Page - Texas Instruments LMF100CIWM Datasheet HTML 8Page - Texas Instruments LMF100CIWM Datasheet HTML 9Page - Texas Instruments LMF100CIWM Datasheet HTML 10Page - Texas Instruments LMF100CIWM Datasheet HTML 11Page - Texas Instruments LMF100CIWM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Not Recommended for New Designs
LMF100
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics for V
+ = +2.5 V and V− = −2.5 V (continued)
The following specifications apply for Mode 1, Q = 10 (R1 = R3 = 100 k, R2 = 10 k), V
+ = +2.50 V and V− = −2.50 V unless
otherwise specified. All limits are TA = TJ = 25°C unless otherwise specified.
LMF100CCN
LMF100CIWM
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
RL = 5 k
1.6
1.6
All Outputs
−2.2
−2.2
±1.5
Tested
V
Limit
(1)
RL = 5 k (All
TMIN to TMAX
±1.4
VOUT
Minimum output voltage swing
Outputs)
Design
TMIN to TMAX
±1.4
Limit
(2)
1.5
1.5
RL = 3.5 k
V
All Outputs
−2.1
−2.1
GB
Operational amplifier gain BW
5
5
MHz
W
product
SR
Operational amplifier slew rate
18
18
V/µs
Source
All Outputs
10
10
mA
Maximum output,
Isc
Short circuit current
(8)
Sink
All Outputs
20
20
mA
(8)
The short circuit source current is measured by forcing the output that is being tested to its maximum positive voltage swing and then
shorting that output to the negative supply. The short circuit sink current is measured by forcing the output that is being tested to its
maximum negative voltage swing and then shorting that output to the positive supply. These are the worst case conditions.
6.7 Logic Input Characteristics
All limits apply to TA = TJ = 25°C unless otherwise specified.
LMF100CCN
LMF100CIWM
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
3
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
3
V
V
+ = +5 V, V− = −5 V,
Design Limit
(2)
TMIN to TMAX
3
−3
Tested Limit
(1)
MAX Logical “0”
VLSh = 0 V
TMIN to TMAX
–3
V
Design Limit
(2)
TMIN to TMAX
−3
CMOS Clock
Input Voltage
8
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
8
V
V
+ = +10 V, V− = 0 V,
Design Limit
(2)
TMIN to TMAX
8
2
Tested Limit
(1)
MAX Logical “0”
VLSh = +5 V
TMIN to TMAX
2
V
Design Limit
(2)
TMIN to TMAX
2
2
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
2
V
V
+ = +5 V, V− = −5 V,
Design Limit
(2)
TMIN to TMAX
2
0.8
Tested Limit
(1)
MAX Logical “0”
VLSh = 0 V
TMIN to TMAX
0.8
V
Design Limit
(2)
TMIN to TMAX
0.8
TTL Clock
Input Voltage
2
Tested Limit
(1)
MIN Logical “1”
TMIN to TMAX
2
V
V
+ = +10 V, V− = 0 V,
Design Limit
(2)
TMIN to TMAX
2
0.8
Tested Limit
(1)
MAX Logical “0”
VLSh = 0 V
TMIN to TMAX
0.8
V
Design Limit
(2)
TMIN to TMAX
0.8
(1)
Tested limits are specified to Texas Instruments AOQL (Average Outgoing Quality Level).
(2)
Design limits are specified to Texas Instruments AOQL (Average Outgoing Quality Level) but are not 100% tested.
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com