Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP149 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 39 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 35Page - Texas Instruments SN65DP149 Datasheet HTML 36Page - Texas Instruments SN65DP149 Datasheet HTML 37Page - Texas Instruments SN65DP149 Datasheet HTML 38Page - Texas Instruments SN65DP149 Datasheet HTML 39Page - Texas Instruments SN65DP149 Datasheet HTML 40Page - Texas Instruments SN65DP149 Datasheet HTML 41Page - Texas Instruments SN65DP149 Datasheet HTML 42Page - Texas Instruments SN65DP149 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
40-Pin
HDMI/DVI
Receptacle
IN_CLKp
OUT_CLKp
IN_D1p
OUT_D1p
IN_D0p
OUT_D0p
OUT_D2n
IN_D2p
5V
HPD_SNK
SDA_SNK
SCL_SNK
OE
VSADJ
0.1uF
6.5<Q
1%
ML0p
ML1p
ML2p
ML3p
65lQ
0.1uF
HPD
HPD_SRC
2<Q
Optional
TMDS_D2p
HPD
DDC_SDA
DDC_SCL
IN_D2n
0.1uF
ML0n
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
ML1n
ML2n
ML3n
IN_CLKn
IN_D1n
IN_D0n
1
7
4
5
6
10
9
2
2<Q
2<Q
DDC_SCL
DDC_SDA
2<Q
SDA_SRC
SCL_SRC
OUT_D2p
OUT_CLKn
OUT_D1n
OUT_D0n
TMDS_D2n
TMDS_D0p
TMDS_D0n
TMDS_D1p
TMDS_D1n
TMDS_CLKp
TMDS_CLKn
3
36
18
39
38
6
1
3
4
9
7
12
10
16
15
11
19
11
2
5
8
17
14
15
37
GND1
GND3
GND6
GND2
GND4
GND5
0.01uF
20
22
23
21
65lQ
65lQ
65lQ
I2C_EN/PIN
PRE_SEL
EQ_SEL/A0
HDMI_SEL/A1
SLEW_CTL
23
16
17
34
8
2<Q
2<Q
I2C_SCL
I2C_SDA
SDA_CTL
SCL_CTL
14
13
100<Q
CAD_DET
0.1uF
0.1uF
10uF
VCC
CEC
CEC
CEC
CEC
13
VDD
12 19 20 31 40
VCC
GND
GND
THERMAL PAD
35
CASE_GND1
CASE_GND2
CASE_GND3
CASE_GND4
30
24
27
26
25
21
22
29
32
28
33
3.3V
3.3V
VCC
0.1uF
0.01uF
0.01uF
10uF
VDD
0.1uF
0.1uF
0.1uF
Copyright © 2016, Texas Instruments Incorporated
39
SN65DP149, SN75DP149
www.ti.com
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
Product Folder Links: SN65DP149 SN75DP149
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 12. Pullup Resistor Upon Different Threshold Voltages and 800-pF Loads (continued)
Vth–\Vth+
0.7 VCC
0.65 VCC
0.6 VCC
0.55 VCC
0.5 VCC
0.45 VCC
0.4 VCC
0.35 VCC
0.3 VCC
UNIT
0.25 VCC
1.36
1.64
1.99
2.45
3.08
4.03
5.6
8.74
18.12
kΩ
0.3 VCC
1.48
1.8
2.23
2.83
3.72
5.18
8.11
16.87
—
kΩ
To accommodate the 3-mA drive current specification, a narrower threshold voltage range is required to support
a maximum 800-pF load capacitance for a standard-mode I2C bus.
9.2 Typical Application
Figure 29. Implementation for Motherboard Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com