Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP149 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 9Page - Texas Instruments SN65DP149 Datasheet HTML 10Page - Texas Instruments SN65DP149 Datasheet HTML 11Page - Texas Instruments SN65DP149 Datasheet HTML 12Page - Texas Instruments SN65DP149 Datasheet HTML 13Page - Texas Instruments SN65DP149 Datasheet HTML 14Page - Texas Instruments SN65DP149 Datasheet HTML 15Page - Texas Instruments SN65DP149 Datasheet HTML 16Page - Texas Instruments SN65DP149 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
13
SN65DP149, SN75DP149
www.ti.com
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
Product Folder Links: SN65DP149 SN75DP149
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Cb = total capacitance of one bus line in pF.
7.12 DDC and I
2C Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time of both SDA and SCL signals
Vcc = 3.3-V
300
ns
tf
Fall time of both SDA and SCL signals
300
ns
tHIGH
Pulse duration, SCL high
0.6
μs
tLOW
Pulse duration, SCL low
1.3
μs
tSU1
Setup time, SDA to SCL
100
ns
tST, STA
Setup time, SCL to start condition
0.6
μs
tHD,STA
Hold time, start condition to SCL
0.6
μs
tST,STO
Setup time, SCL to stop condition
0.6
μs
t(BUF)
Bus free time between stop and start condition.
1.3
μs
tPLH1
Propagation delay time, low-to-high-level output
Source-to-sink: 100-kbps pattern;
Cb(Sink) = 400-pF(1);
See Figure 14
360
ns
tPHL1
Propagation delay time, high-to-low-level output
230
ns
tPLH2
Propagation delay time, low-to-high-level output
Sink to Source: 100-kbps pattern;
Cb(Source) = 100-pF(1);
See Figure 15
250
ns
tPHL2
Propagation delay time, high-to-low-level output
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com