Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575CDGVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDGVR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDGVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCF8575CDGVR Datasheet HTML 14Page - Texas Instruments PCF8575CDGVR Datasheet HTML 15Page - Texas Instruments PCF8575CDGVR Datasheet HTML 16Page - Texas Instruments PCF8575CDGVR Datasheet HTML 17Page - Texas Instruments PCF8575CDGVR Datasheet HTML 18Page - Texas Instruments PCF8575CDGVR Datasheet HTML 19Page - Texas Instruments PCF8575CDGVR Datasheet HTML 20Page - Texas Instruments PCF8575CDGVR Datasheet HTML 21Page - Texas Instruments PCF8575CDGVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LED
3.3 V
5 V
LEDx
VCC
LED
LEDx
VCC
100 k
VCC
PCF8575C
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
www.ti.com
Typical Application (continued)
9.2.1 Design Requirements
9.2.1.1 Minimizing ICC When I/Os Control LEDs
When the I/Os are used to control LEDs, normally they are connected to VCC through a resistor as shown in
Figure 15. For a P-port configured as an input, ICC increases as VI becomes lower than VCC. The LED is a diode,
with threshold voltage VT, and when a P-port is configured as an input the LED will be off but VI is a VT drop
below VCC.
For battery-powered applications, it is essential that the voltage of P-ports controlling LEDs is greater than or
equal to VCC when the P-ports are configured as input to minimize current consumption. Figure 16 shows a high-
value resistor in parallel with the LED. Figure 17 shows VCC less than the LED supply voltage by at least VT.
Both of these methods maintain the I/O VI at or above VCC and prevents additional supply current consumption
when the P-port is configured as an input and the LED is off.
Figure 16. High-Value Resistor in Parallel With LED
Figure 17. Device Supplied by a Lower Voltage
18
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com